Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC30TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # FC30TR
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FC30TR Datasheet HTML 3Page - STMicroelectronics FC30TR Datasheet HTML 4Page - STMicroelectronics FC30TR Datasheet HTML 5Page - STMicroelectronics FC30TR Datasheet HTML 6Page - STMicroelectronics FC30TR Datasheet HTML 7Page - STMicroelectronics FC30TR Datasheet HTML 8Page - STMicroelectronics FC30TR Datasheet HTML 9Page - STMicroelectronics FC30TR Datasheet HTML 10Page - STMicroelectronics FC30TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FC30
Electrical specifications
7/13
3
Electrical specifications
3.1
Electrical characteristics
Figure 5.
Orientation accuracy angle
3.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 3.
Electrical characteristics(1) (2)
Symbol
Parameter
Test conditions
Min.
Typ.(3)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage
1.71
Vdd+0.1
V
Idd
Supply current
T = 25°C
0.3
0.4
mA
IddPdn
Current consumption in
power-down mode
T = 25°C
1
µA
Ton
Turn-on time(4)
30
ms
Ac
Accuracy(5)
±3
deg
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
30
mg
1.
The product is factory calibrated at 2.5 V. The device can be used from 2.16 V to 3.6 V
2.
All the parameters are specified @ Vdd=2.5 V, T = 25 °C unless otherwise noted
3.
Typical specification are not guaranteed
4.
Time to obtain valid data after exiting power-down mode
5.
Accuracy defines the angle around the three orthogonal directions where orientation is detected (see Figure 5)
Accuracy
Gravity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com