Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC30TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # FC30TR
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FC30TR Datasheet HTML 4Page - STMicroelectronics FC30TR Datasheet HTML 5Page - STMicroelectronics FC30TR Datasheet HTML 6Page - STMicroelectronics FC30TR Datasheet HTML 7Page - STMicroelectronics FC30TR Datasheet HTML 8Page - STMicroelectronics FC30TR Datasheet HTML 9Page - STMicroelectronics FC30TR Datasheet HTML 10Page - STMicroelectronics FC30TR Datasheet HTML 11Page - STMicroelectronics FC30TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical specifications
FC30
8/13
Table 4.
Absolute maximum ratings
Symbol
Ratings
Maximum Value
Unit
Vdd,
Vdd_IO
Supply voltage and I/O pins supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
-0.3 to Vdd_IO +0.3
V
AMAX
Acceleration (any axis, powered and unpowered)
10000 g for 0.1ms
g
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
4.0 (HBM)
kV
200 (MM)
V
1.5 (CDM)
kV
This is a Mechanical Shock sensitive device, improper handling can cause permanent
damage to the part
This is an ESD sensitive device, improper handling can cause permanent damage to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com