Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC30TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # FC30TR
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FC30TR Datasheet HTML 5Page - STMicroelectronics FC30TR Datasheet HTML 6Page - STMicroelectronics FC30TR Datasheet HTML 7Page - STMicroelectronics FC30TR Datasheet HTML 8Page - STMicroelectronics FC30TR Datasheet HTML 9Page - STMicroelectronics FC30TR Datasheet HTML 10Page - STMicroelectronics FC30TR Datasheet HTML 11Page - STMicroelectronics FC30TR Datasheet HTML 12Page - STMicroelectronics FC30TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application hints
FC30
10/13
5
Application hints
Figure 6.
FC30 electrical connection for 3D orientation detection
The diagram above refers to the electrical connection scheme for application of 3D
orientation detection.
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should be
placed as near as possible to pin 6 of the device (common design practice).
All the voltage and ground supplies must be present at the same time for proper behavior of
the IC (Figure 6).
5.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHS and “green” standards. Leave the
pin 1 indicator unconnected during soldering. Land pattern and soldering recommendations
are available at www.st.com
6
8
13
1
Top VIEW
10uF
Vdd
100nF
GND
Vdd_IO
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
13
8
6
TOP VIEW
Land
Face
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com