Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC30TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # FC30TR
Description  MEMS functional sensor:smart 3D orientation and click detection standalone device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC30TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button FC30TR Datasheet HTML 5Page - STMicroelectronics FC30TR Datasheet HTML 6Page - STMicroelectronics FC30TR Datasheet HTML 7Page - STMicroelectronics FC30TR Datasheet HTML 8Page - STMicroelectronics FC30TR Datasheet HTML 9Page - STMicroelectronics FC30TR Datasheet HTML 10Page - STMicroelectronics FC30TR Datasheet HTML 11Page - STMicroelectronics FC30TR Datasheet HTML 12Page - STMicroelectronics FC30TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FC30
Package information
11/13
6
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 7.
LGA 14: mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
0.920
1.000
0.0362 0.0394
A2
0.700
0.0275
A3
0.180
0.220
0.260 0.0071 0.0087 0.0102
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
4.850
5.000
5.150 0.1909 0.1968 0.2027
e
0.800
0.0315
d
0.300
0.0118
L1
4.000
0.1575
N
1.360
0.0535
N1
1.200
0.0472
P1
0.965
0.975
0.985 0.0380 0.0384 0.0386
P2
0.640
0.650
0.660 0.0252 0.0256 0.0260
T1
0.750
0.800
0.850 0.0295 0.0315 0.0335
T2
0.450
0.500
0.550 0.0177 0.0197 0.0217
R
1.200
1.600 0.0472
0.0630
h
0.150
0.0059
k
0.050
0.0020
i
0.100
0.0039
s
0.100
0.0039
LGA14 (3x5x0.92mm) Pitch 0.8mm
Land Grid Array Package
7773587 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com