Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7719TR
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7719TR Datasheet HTML 5Page - STMicroelectronics TDA7719TR Datasheet HTML 6Page - STMicroelectronics TDA7719TR Datasheet HTML 7Page - STMicroelectronics TDA7719TR Datasheet HTML 8Page - STMicroelectronics TDA7719TR Datasheet HTML 9Page - STMicroelectronics TDA7719TR Datasheet HTML 10Page - STMicroelectronics TDA7719TR Datasheet HTML 11Page - STMicroelectronics TDA7719TR Datasheet HTML 12Page - STMicroelectronics TDA7719TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TDA7719
Electrical specifications and characteristics
9/45
3
Electrical specifications and characteristics
3.1
Thermal data
3.2
Absolute maximum ratings
3.3
Electrical characteristics
VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Table 3.
Thermal data
Symbol
Description
Value
Unit
Rth-j amb
Thermal resistance junction to ambient
114
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
10.5
V
Vin_max
Maximum voltage for signal input pins
7
V
Tamb
Operating ambient temperature
-40 to 85
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply
Vs
Supply voltage
7.5
8.5
10
V
Is
Supply current
25
35
45
mA
Input selector
Rin
Input resistance
All single ended inputs(1)
70
100
130
k
Ω
VCL
Clipping level
Input Gain = 0dB
1.8
2
VRMS
SIN
Input separation
80
100
dB
Differential stereo inputs
Rin
Input resistance
Differential
70
100
130
k
Ω
CMRR1
Common mode rejection ratio
for main source
VCM=1 VRMS@ 1kHz
46
dB
VCM=1 VRMS@ 10kHz
46
60
dB
CMRR2
Common mode rejection ratio
for 2nd source
VCM=1 VRMS@ 1kHz
46
60
dB
eNo
Output noise @ speaker
outputs
20Hz-20kHz, A-weighted;
all stages 0dB
12
30
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com