Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7719TR
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7719TR Datasheet HTML 7Page - STMicroelectronics TDA7719TR Datasheet HTML 8Page - STMicroelectronics TDA7719TR Datasheet HTML 9Page - STMicroelectronics TDA7719TR Datasheet HTML 10Page - STMicroelectronics TDA7719TR Datasheet HTML 11Page - STMicroelectronics TDA7719TR Datasheet HTML 12Page - STMicroelectronics TDA7719TR Datasheet HTML 13Page - STMicroelectronics TDA7719TR Datasheet HTML 14Page - STMicroelectronics TDA7719TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
TDA7719
Electrical specifications and characteristics
11/45
Middle control
CRANGE
Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fc
(2)
Center frequency
fC1
400
500
600
Hz
fC2
0.8
1
1.2
kHz
fC3
1.2
1.5
1.8
kHz
fC4
22.5
3
kHz
QBASS
(2)
Quality factor
Q1
0.45
0.5
0.55
Q2
0.65
0.75
0.85
Q3
0.9
1
1.1
Q4
1.1
1.25
1.4
Treble control
CRANGE
Clipping level
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fc
(2)
Center frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
Speaker attenuators
AMIN
Min attenuation
-1
0
1
dB
AMAX
Max attenuation
-89
-79
-69
dB
ASTEP
Step resolution
0.5
1
1.5
dB
AMUTE
Mute attenuation
80
90
dB
EE
Attenuation set error
2
dB
VDC
DC steps
Adjacent attenuation steps
0.1
5
mV
Audio outputs
VCL
Clipping level
d = 0.3%; Byte8_D6=1
2
VRMS
d = 1%; Byte8_D6=0
2.2
VRMS
ROUT
Output impedance
30
100
Ω
RL
Output load resistance
2
k
Ω
CL
Output load capacitor
10
nF
VDC
DC voltage level
3.8
4.0
4.2
V
Subwoofer attenuator
GMAX
Max gain
141516
dB
AMAX
Max attenuation
-89
-79
-69
dB
ASTEP
Step resolution
0.5
1
1.5
dB
AMUTE
Mute attenuation
80
90
dB
EE
Attenuation set error
2
dB
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com