Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7719TR
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7719TR Datasheet HTML 6Page - STMicroelectronics TDA7719TR Datasheet HTML 7Page - STMicroelectronics TDA7719TR Datasheet HTML 8Page - STMicroelectronics TDA7719TR Datasheet HTML 9Page - STMicroelectronics TDA7719TR Datasheet HTML 10Page - STMicroelectronics TDA7719TR Datasheet HTML 11Page - STMicroelectronics TDA7719TR Datasheet HTML 12Page - STMicroelectronics TDA7719TR Datasheet HTML 13Page - STMicroelectronics TDA7719TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Electrical specifications and characteristics
TDA7719
10/45
Loudness control
AMAX
Max attenuation
17
15
13
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fPeak
(2)
Peak frequency
fP1
360
400
440
Hz
fP2
720
800
880
Hz
fP3
2200
2400
2600
Hz
Volume control
GMAX
Max gain
131517
dB
AMAX
Max attenuation
-17
-15
-13
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
-0.75
0
+0.75
dB
ET
Tracking error
2
dB
VDC
DC steps
Adjacent attenuation steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
Soft mute
AMUTE
Mute attenuation
80
100
dB
TD
Delay time
T1
0.16
0.48
0.80
ms
T2
0.32
0.96
1.6
ms
T3
3
8
13
ms
T4
10
16
20
ms
VTH Low
Low threshold for SM pin
0.6
V
VTH High
High threshold for SM pin
2.7
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up Voltage
3.1
3.3
3.5
V
Bass control
Fc
Center frequency
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
180
200
220
Hz
QBASS
(2)
Quality factor
Q1
0.9
1
1.1
Q2
1.1
1.25
1.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
CRANGE
Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
DCGAIN
Bass-DC-gain
DC = off
-1
0
+1
dB
DC = on, Gain =
± 15dB
3.5
±4.4
5.5
dB
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com