Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7719TR
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7719TR Datasheet HTML 20Page - STMicroelectronics TDA7719TR Datasheet HTML 21Page - STMicroelectronics TDA7719TR Datasheet HTML 22Page - STMicroelectronics TDA7719TR Datasheet HTML 23Page - STMicroelectronics TDA7719TR Datasheet HTML 24Page - STMicroelectronics TDA7719TR Datasheet HTML 25Page - STMicroelectronics TDA7719TR Datasheet HTML 26Page - STMicroelectronics TDA7719TR Datasheet HTML 27Page - STMicroelectronics TDA7719TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Description
TDA7719
24/45
4.10
Softstep control
In this device, the softstep function is available for volume, speaker, loudness, treble, middle
and bass block. With softstep function, the audible noise of DC offset or the sudden change
of signal can be avoided when adjusting gain setting of the block.
For each block, the softstep function is controlled by softstep on/off control bit in the control
table. The softstep transient time selection (5ms or 10ms) is common for all blocks and it is
controlled by softstep time control bit. The softstep operation of all blocks has a common
centralized control. In this case, a new softstep operation can not be started before the
completion previous softstep.
There are two different modes to activate the softstep operation. The softstep operation can
be started right after I2C data sending, or the softstep can be activated in parallel after data
sending of several different blocks. The two modes are controlled by the ‘act bit’ (it is
normally bit7 of the byte.) of each byte. When act bit is ‘0’, which means action, the softstep
is activated right after the date byte is sent. When the act bit is ‘1’, which means wait, the
block goes to wait for softstep status. In this case, the block will wait for some other block to
activate the operation. The softstep operation of all blocks in wait status will be done
together with the block which activate the softstep. With this mode, all specific blocks can do
the softstep in parallel. This avoids waiting when the softstep is operated one by one.
|
↑ Softstep start here
|
↑ Softstep start
here for all
1.
It is not allowed to cross 0dB with softstep directly. From plus gain to minus gain, it must
go to +0dB first, then destination. From minus gain to plus gain, it must go to -0dB first,
and then destination.
2.
When one block is in ‘wait for softstep’ status, it is not allowed to send data to this block
again before its softstep is completed.
3.
To know if there is a softstep in operation, it is possible to monitor the ‘busy’ signal by
I2C transmission mode (Section 5.1.2). When softstep is busy (busy=0), it is better to
wait before sending new data until it is free (busy=1).
Chip Addr
Sub Addr
0xxxxxxx
Chip Addr
Sub Addr
1xxxxxxx
1xxxxxxx
......
0xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com