Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-CQ7P Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LD-CQ7P
Description  OSLON® SSL 80
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LD-CQ7P Datasheet(HTML) 4 Page - ams-OSRAM AG

  LD-CQ7P Datasheet HTML 1Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 2Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 3Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 4Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 5Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 6Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 7Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 8Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2015-12-18
4
Version 1.3
LD CQ7P
Characteristics (TS = 25 °C; IF
Dominant Wavelength
3) page 22
Dominantwellenlänge 3) Seite 22
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
439
455
461
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
20
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
80
°
Forward voltage 4) page 22
Durchlassspannung
4) Seite 22
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.75
2.90
3.25
V
V
V
Reverse voltage
Sperrspannung
(I
R = 20 mA)
(max.)
V
R
1.2
V
Real thermal resistance junction / solder point
5) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 22
(typ.)
(max.)
R
th JS real
R
th JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder
point 5) page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
5) Seite 22
(with efficiency η
e = 59 %)
(typ.)
(max.)
R
th JS el
R
th JS el
3.9
4.4
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
(typ.)
λ
peak
451
nm
Wellenlänge d. emittierten Lichtes
= 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com