Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-CQ7P Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LD-CQ7P
Description  OSLON® SSL 80
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LD-CQ7P Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LD-CQ7P Datasheet HTML 5Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 6Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 7Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 8Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 9Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 10Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 11Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 12Page - ams-OSRAM AG LD-CQ7P Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Version 1.3
LD CQ7P
2015-12-18
9
Relative Forward Voltage 4) page 19
Relative Vorwärtsspannung 4) Seite 19
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Radiant Power 4) page 19
Relative Strahlungsleistung 4) Seite 19
ΦE/ΦE(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 4) page 19
Dominante Wellenlänge 4) Seite 19
λdom = f(Tj); IF = 350 IFmA
OHL06174
-40
-20
0
20
40
60
80
100 120
T
j ( ° C )
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆V F (V )
(°C)
OHL06148
-40
-20
0
20
40
60
80
100 120
T
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
E
Φ
E (25
° C
)
OHL06152
-40
-20
0
20
40
60
80
100 120
T
j (° C )
445
450
455
460
465
λ dom (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com