Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-S/SC Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # FZ-S/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 24Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 25Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 26Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 27Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 28Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 29Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 30Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 31Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
FH-Series
28
Lenses
Refer to the Vision Accessory Catalog (Cat. No. Q198) for details.
*1 A lens recommended for a 1” image element should be used for an image element size equivalent to 2/3”. Vignetting may occur with a lens recommended for a
2/3” image element.
Resolution
Camera Model
Size of image element
Recommended lens
Standard Lens
Telecentric Lens
Vibrations and Shocks
Resistant Lens
300,000-pixel
FZ-SF/SFC
1/3” equivalent
FZ-LES Series
---
---
FZ-SP/SPC
FZ-S/SC
SV-V Series
VS-TCH Series
VS-MCA Series
Non-telecentric Macro
VS-MC Series
FH-SM/SC
400,000-pixel
FH-SMX/SCX
1/2.9” equivalent
1.6 million-pixel
FH-SMX01/SCX01
SV-H Series
2 million-pixel
FZ-S2M/SC2M
1/1.8” equivalent
FH-SM02/SC02
2/3” equivalent *1
VS-H1 Series
VS-TEV Series
VS-MCH1 Series
3.2 million-pixel
FH-SMX03/SCX03
1/1.8” equivalent
SV-H Series
VS-TCH Series
VS-MCA Series
Non-telecentric Macro
VS-MC Series
4 million-pixel
FH-SM04/SC04
1” equivalent
VS-H1 Series
VS-TEV Series
VS-MCH1 Series
5 million-pixel
FH-SM05R/SC05R
1/2.5” equivalent
SV-H Series
VS-TCH Series
VS-MCA Series
Non-telecentric Macro
VS-MC Series
FZ-S5M3/SC5M3
2/3” equivalent
FH-SMX05/SCX05
2/3” equivalent
12 million-pixel
FH-SMX12/SCX12
1.1” equivalent
VS-LLD Series
VS-HVA Series
VS-TEV Series
---
FH-SM12/SC12
1.76” equivalent
VS-L/M42-10 Series
---
VS-MCL/M42-10 Series
20.4 million-pixel
FH-SM21R/SC21R
1” equivalent
VS-LLD Series
VS-HVA Series
VS-TEV Series
VS-MCH1 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com