Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-S/SC Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # FZ-S/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 46Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 47Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 48Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 49Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 50Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 51Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 52Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 53Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 54Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
FH-Series
50
Vibrations and Shocks Resistant Lenses
10
100
1,000
10,000
10
1
Field of vision (mm)
100
1,000
3Z4S-LE
VS-MCA25
VS-MCA30
VS-MCA50
VS-MCA75
VS-MCA15
VS-MCA20
VS-MCA35
t5
t2
t0
t0
t20
t20
t10
t0
t30 t20
t10
t0
t0
t10
t0
t10
t0
t40
t10
t10
t20
t30
t5
High-speed Digital CMOS Camera
FH-S
@,
Digital CCD Camera
FZ-S
@
300,000-pixel
(Using 3Z4S-LE VS-MCA Series)
3Z4S-LE
VS-MCA25
VS-MCA30
VS-MCA50
VS-MCA75
VS-MCA15
VS-MCA20
VS-MCA35
10
1
Field of vision (mm)
100
1,000
10
100
1,000
10,000
t5
t2
t0
t0
t20
t10
t0
t30 t20
t10
t0
t0
t10
t40
t10
t30
t0
t0
t0
t0
t20
t10
t0
t30 t20
t10
t0
t0
t0
t10
t0
t40
t10
t30
t10
t10
t5
t2
t20
t20
t20
t20
t10
t10
t5
t5
High-speed Digital CMOS Camera
FH-S
@X
400,000-pixel
High-speed Digital CMOS Camera
FH-S
@X01
1.6 million-pixel
(Using 3Z4S-LE VS-MCA Series)
10
100
1,000
3Z4S-LE
VS-MCA25
VS-MCA30
VS-MCA50
VS-MCA75
VS-MCA15
VS-MCA20
VS-MCA35
t10
t5
t15
t10
t20
t20
t20
t20
t20
t30 t20
t10
t40
t30 t20
t10
t60
t40
t40
t20
t20
t0
t40 t30 t20
t10
t60
t50 t40 t30 t20
t0
t10
t60
t50
t40
t0
t30
t30
t10
t10
t0
t0
t30
t30
t10
t10
t0
t0
t5
t15
t0
t0
t10
t5
t2
t10
t5
t2
10
1
Field of vision (mm)
100
1,000
Digital CCD Camera
FZ-S
@2M
2 million-pixel
(Using 3Z4S-LE VS-MCA Series)
10
100
1,000
3Z4S-LE
VS-MCA25
VS-MCA30
VS-MCA50
VS-MCA75
VS-MCA15
VS-MCA20
VS-MCA35
10
1
Field of vision (mm)
100
1,000
t0
t1
t5
t0
t10
t5
t10
t15
t0
t10
t20
t0
t10
t20
t30
t0
t10
t20
t30
t40
t0
t10
t20
t30
t40
t0
t10
t20
t30
t40
t0
t1
t5
t0
t10
t5
t10
t15
t0
t10
t20
t0
t10
t20
t30
t0
t10
t20
t30
t40
t0
t10
t20
t30
t40
t0
t10
t20
t30
t40
High-speed Digital CMOS Camera
FH-S
@X03
3.2 million-pixel
(Using 3Z4S-LE VS-MCA Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com