Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-S/SC Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # FZ-S/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 26Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 27Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 28Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 29Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 30Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 31Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 32Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 33Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
FH-Series
30
Lite Controllers
* Existing third class grounding
Sensor Controller Series
FH-L551 Series
Sensor Controller Model
FH-L551
FH-L551-10
Parallel IO
NPN/PNP (common)
Memory, Storage
4GB RAM, 32GB ROM
Main Func-
tions
Operation Mode
Standard
Yes
Double Speed Multi-input
Yes
Non-stop adjustment
mode
Yes
Multi-line random-trigger
mode
No
Parallel Processing
Yes
Number of Connectable Camera
24
Supported
Camera
FH-S series camera
All of the FH-S series cameras except FH-SM21R/SC21R
FZ-S series camera
All of the FZ-S series cameras are connectable.
Camera I/F
OMRON I/F
Possible Number of Captured Images
Refer to page 31.
Possible Number of Logging Images to
Sensor Controller
Refer to the Vision System FH Series User's Manual (Cat. No. Z365).
Possible Number of Scenes
128
UI Operations
USB Mouse
Yes (wired USB driver-less type)
Touch Panel
Yes (RS-232C/USB connection: FH-MT12)
Setup
Create the processing flow using Flow editing.
Language
Japanese, English, Simplified Chinese, Traditional Chinese, Korean, German, French, Spanish, Italian, Vietnamese, Polish
External
Interface
Serial Communication
RS-232C
× 1
Ethernet
Communication
Protocol
Non-procedure (TCP/UDP)
I/F
1000BASE-T
× 1
EtherNet/IP Communication
Yes (Target/Ethernet port)
PROFINET Communication
• Yes (Slave/Ethernet port)
• Conformance class A
EtherCAT Communication
No
Parallel I/O
• High-speed input: 1
• Normal speed: 9
• High-speed output: 4
• Normal speed: 23
Encoder Interface
None
Monitor Interface
DVI-I output (Analog RGB & DVI-D single link)
× 1
USB I/F
USB2.0 host
× 1: BUS Power: Port 5 V/0.5 A
USB3.0
× 1: BUS Power: Port 5 V/0.5 A
SD Card I/F
SDHC
× 1
Indicator
Lamps
Main
POWER: Green
ERROR: Red
RUN: Green
ACCESS: Yellow
Ethernet
NET RUN: Green
LINK/ACT: Yellow
SD Card
SD POWER: Green
SD BUSY: Yellow
EtherCAT
None
Power-supply voltage
20.4 VDC to 26.4 VDC
Current
consumption
When connecting an intelligent compact dig-
ital camera
• When connecting the following light or
lighting controller without an external
power supply
FLV-TCC1, FLV-TCC4, FLV-TCC3HB
FLV-TCC1EP, FL-TCC1
• When connecting the following light or
lighting controller
FL-TCC1PS, FL-MD
@MC
2.7 A max.
4.4 A max.
Other than above
1.5 A max.
2.0 A max.
Built-in FAN
No
Usage Envi-
ronment
Ambient temperature range
Operating: 0
°C to 55°C
Storage: -25 to +70
°C
Ambient humidity range
Operating and Storage: 10 to 90%RH (with no condensation)
Ambient atmosphere
No corrosive gases
Vibration tolerance
5 to 8.4 Hz with 3.5 mm amplitude, 8.4 to 150 Hz, acceleration of 9.8 m/s2
100 min each in X, Y, and Z directions (10 sweeps of 10 min each = 100 min total)
Shock resistance
Impact force: 150 m/s2
Test direction: up and down/front and behind/left and right
Noise
immunity
Fast Transient Burst
• DC power
Direct infusion: 2kV, Pulse rising: 5ns, Pulse width: 50ns,
Burst continuation time: 15ms/0.75ms, Period: 300ms, Application time: 1 min
•I/O line
Direct infusion: 1kV, Pulse rising: 5ns, Pulse width: 50ns,
Burst continuation time: 15ms/0.75ms, Period: 300ms, Application time: 1 min
Grounding
Type D grounding (100
Ω or less grounding resistance) *
External
Features
Dimensions
200 mm
× 80 mm × 130 mm
Weight
Approx. 1.5 kg
Approx. 1.5 kg
Degree of protection
IEC60529 IP20
Case materials
PC
Accessories
Instruction Sheet (Japanese and English): 1, Installation Instruction Manual for FH-L series:1,
General Compliance Information and Instructions for EU:1, Member registration sheet: 1,
Power source (FH-XCN-L):1 (male)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com