Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-S/SC Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # FZ-S/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 41Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 42Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 43Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 44Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 45Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 46Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 47Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 48Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
FH-Series
45
307
322
161
180
270
26
26
306.52
7.74
7.74
(19)
37.5
75
100
Note: 1. Panel thickness: 1.6 to 4.8 mm
2. No burr allowed
+1
0
MOUNTING PLATE THICKNESS 1.6-4.8
8-M4 EFFECTIVE SCREW LENGTH6
Panel cutout dimensions
Touch Panel Monitor
FH-MT12
DVI-Analog Conversion Cable for Touch Panel Monitor/LCD Monitor
FH-VMDA
45
L (*1)
±5
45 ±5
10 ±2
17-pin DVI connector
15-pin
D-SUB connector
L (*1)
40
9-pin D-SUB connector
9-pin D-SUB connector
±0.25
45
±5
(*2)
45
±5
12
L
12 ±0.25
8 max.
10.5 max.
10 ±2
4-pin USB A type connector
4-pin USB B type connector
*1. Cable is available in 2m/5m/10m.
*2. Cable is available in 2m/5m.
RS-232C Cable for Touch Panel Monitor
XW2Z-
@@@PP-1
USB Cable for Touch Panel Monitor
FH-VUAB
LCD Monitor
FZ-M08
(103.5)
220
(130)
(90)
75
Four, M4
(31.5)
40
Mountable plate thickness:
1.6 to 5.0 mm
(172)
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com