Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 79 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 79 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 75Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 76Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 77Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 78Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 79Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 80Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 81Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 82Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 83Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
E5CC-T
79
Model Number Legend and Standard Models
Model Number Legend
Models with Screw Terminal Blocks
E5CC-T
@@3 @5M -@@@ (Example: E5CC-TRX3A5M-000)
−−−−−− −−−
ABC D E
F
*1. Options with HB and HS alarms (001 and 003) cannot be selected if a linear current output is selected for the control output.
*2. The linear current output cannot be used as a transfer output.
*3. Option 004 can be selected only when “CX” is selected for the control outputs.
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
If there is no control output 2, an auxiliary output is used as the cooling control output.
If there is a control output 2, the two control outputs are used for heating and cooling.
(It does not matter which output is used for heating and which output is used for cooling.)
B
Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Model
A
B
C
D
E
F
Meaning
Control outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5CC-T
48
× 48 mm Programmable Type
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output
(for driving SSR)
None
*1CX
Linear current output
*2
None
QQ
Voltage output
(for driving SSR)
Voltage output
(for driving SSR)
CQ
Linear current output
*2
Voltage output
(for driving SSR)
3
3 (one common)
A
100 to 240 VAC
D
24 VAC/DC
5
Screw terminal blocks (with cover)
M
Universal input
HB alarm
and HS
alarm
Communica-
tions
Event
inputs
Transfer
output
000
---
---
---
---
*1
001
1
---
2
---
*1
003
2 (for 3-
phase
heaters)
RS-485
---
---
*3
004
---
RS-485
2
---
005
---
---
4
---
006
---
---
2
Provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com