Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 89 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 89 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 85Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 86Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 87Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 88Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 89Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 90Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 91Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 92Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 93Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
E5CC-T
89
Nomenclature
Dimensions
(Unit: mm)
Controllers
No. 1 display
No. 2 display
PV or specified monitor/setting parameter
SP or specified monitor/parameter value
Top-panel Setup Tool port
Use the
UD Keys to set the
parameter.
Press
U Key for at least 1 second
when Process value/Set point
parameter are displayed in Program
SP Mode to go to Display Segment
Selection parameter in Program
Setting Level.
Top View of E5CC-T
Operation indicators
Temperature unit
Press
O Key once to go to
Program Setting Level.
Press
O Key for at least 3
seconds to go to Initial Setting
Level.
Use the
M Key to change to another parameter.
Press
M and D Keys simultaneously for at
least 1 second to switch between run and reset
status.
Use
S Key to change the digit (default setting).
Front panel
E5CC-T
45+0.6
0
45+0.6
0
45+0.6
0
60 min.
(48 × number of units - 2.5)+1.0
0
Panel Cutout
Mounted Separately
Group Mounted
Group mounting does not
allow waterproofing.
48 × 48
(64)
60
4
1
48 × 48
Mounting Adapter
(Accessory, Y92F-49
(also available for
ordering separately))
Waterproof Packing
(Accessory, Y92S-P8
(also available for
ordering separately))
E5CC-T
• Recommended panel thickness is 1 to 5 mm.
• Group mounting is not possible in the vertical direction. (Maintain
the specified mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the water-
proof packing onto the Controller.
• When two or more Controllers are mounted, make sure that the
surrounding temperature does not exceed the allowable operating
temperature specified in the specifications.
• Use a control panel thickness of 1 to 3 mm if the Y92A-48N and a
USB-Serial Conversion Cable are used together.
The Setup Tool port is on the top of the Temperature Controller.
It is used to connect the Temperature Controller to the computer
to use the Setup Tool.
The E58-CIFQ2 USB-Serial Conversion Cable is required to
make the connection.
Refer to the instructions that are provided with the USB-Serial
Conversion Cable for the connection procedure.
Note: Do not leave the USB-Serial Conversion Cable
connected when you use the Temperature Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com