Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 27Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 28Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 29Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 30Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 31Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 32Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 33Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 34Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
E5CC/E5CC-B/E5CC-U
31
E5CC-B (Push-In Plus Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Refer to Wiring Precautions for E5
@C-B (Controllers with Push-In Plus Terminal Blocks) on page 133 for wire specifications and wiring
methods.
5. Common terminals are indicated with asterisks (
*). You can use the input power supply and communications common terminals for
crossover wiring. Do not exceed the maximum number of Temperature Controllers given below if you use crossover wiring for the input
power supply.
100 to 240 VAC Controllers: 16 max.
24 VAC/VDC Controllers: 8 max.
6. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring). Use a UL
category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring).
23
19
22
1
2
17
18
3
15
24
16
6
8
9
14
21
5
13
20
4
12
11
10
7
8
6
7
8
7
88
Pt
A
B
B
+
-
mA
-
+
7
6
V
-
7
V
+
6
TC
6
I
17
18
19
20
21
22
23
24
EV2
EV1
(-)
EV2
EV1
EV4
EV3
CT1
CT1
B(+)
A(-)
RS-485
B(+)
A(-)
RS-485
17
18
19
20
21
22
23
24
17
18
19
20
21
22
23
24
17
18
19
20
21
22
23
24
13
14
15
16
9
10
11
12
*
*
*
13
14
15
16
*
*
*
*
*
*
*
*
*
(no polarity)
100 to 240 VAC
24 VAC/DC
Auxiliary output 2
Auxiliary output 1
004
Communications
(RS-485), and
Event Inputs 3 and 4
006
Event Inputs
1 and 2, and
Transfer Output
001
Event Inputs 1
and 2, and CT1
002
Communications
(RS-485), CT1
(2) Auxiliary Outputs
(3) Input Power Supply
(5) Sensor (Temperature/Analog) Input
(6) Options
Relay outputs
outputs: 250 VAC, 2 A
(resistive load)
Auxiliary outputs 1, 2
(-)
(-)
(-)
(-)
(-)
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
+
+
-
V
I
Transfer
Output
Models with
1 Relay Output
(1) Control output 1
Models with 1
Voltage Output
(for Driving SSR)
OUT1
R
1
2
RX
1
2
OUT1
Q
QX
+
−
Models with 1
Linear Current Output
1
2
OUT1
C
CX
+
−
The E5CC is set for a K-type thermocouple
(input type = 5) by default. An input error
(
s.err) will occur if the input type setting does
not agree with the temperature sensor. Check
the input type.
E5CC-
@@ 2 @ B M - @@@
(1)
(2) (3) (4) (5)
(6)
↑
Terminal type
Control output 1
Relay output
250 VAC, 3A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
13
14
15
16
To another E5
@C
Wiring Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com