Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 46Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 47Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 48Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 49Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 50Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 51Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 52Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 53Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 138 page
background image
E5EC/E5EC-B/E5AC
50
External Connections
E5EC/E5AC (Screw Terminal Blocks)
The E5EC is set for a K-type thermocouple (input
type = 5) by default. An input error (
s.err) will occur
if the input type setting does not agree with the
temperature sensor. Check the input type.
Relay output
250 VAC, 5 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 40 mA
When There Is a
Control Output 2:
21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max.
100 to 240 VAC
24 VAC/DC
Auxiliary outputs 1, 2, 3, 4
-
+
21
+
+
+
-
19
20
16
17
18
011
6 event Inputs, 1 CT input,
transfer output, and remote SP input
13
14
15
29
30
31
32
35
36
33
34
28
V
mA
V
I
35
-
34
33
32
31
30
29
28
+
+
+
+
013
6 event Inputs, transfer
output, and remote SP input
13
14
15
16
17
18
19
20
21
36
-
V
mA
V
I
014
Communications, 4 event Inputs,
transfer output, and remote SP input
28
29
30
32
31
33
13
14
15
16
17
18
19
20
21
+
-
+
34
+
+
35
36
-
V
mA
V
I
EV1
EV2
EV1
EV2
EV1
EV2
EV3
EV4
EV3
EV4
EV5
EV6
EV5
EV6
EV5
EV6
B(+)
A(-)
RS-485
CT1
21
19
19
20
20
21
17
19
20
21
16
17
18
13
13
14
14
15
15
16
17
18
15
16
010
4 event inputs
and 1 CT input
009
Communications, 2 event
inputs, and 2 CT inputs
13
14
004
Communications
and 2 event inputs
18
005
4 event inputs
19
20
21
13
14
15
17
18
16
EV1
EV2
EV1
EV2
EV1
EV2
EV1
EV2
EV3
EV4
EV3
EV4
B(+)
A(-)
RS-485
B(+)
A(-)
RS-485
CT1
CT2
COM
CT1
Transfer
output
Remote
SP input
Transfer
output
Transfer
output
Remote
SP input
Remote
SP input
↑
Terminal type
Auxiliary outputs 1, 2, 3, 4
Control output 2
Control output 1
Relay output
Models with 4 auxiliary
outputs: 250 VAC, 2 A
(resistive load)
Relay output
250 VAC, 5 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max.
(1) Control output
Models with
1 Relay Output
Models with 1
Voltage Output
(for Driving SSR)
Models with 2 Voltage
Outputs (for Driving SSR)
Models with Voltage Output (for
Driving SSR) and Relay Output
Models with 2
Relay Outputs
Models with 2
Linear Current
Outputs
Models with 1
Linear Current Output
RX
QR
QX
CX
QQ
(2) Auxiliary Outputs
(3) Input Power Supply
(6) Options
(5) Sensor (Temperature/Analog) Input
(no polarity)
E5EC-
@@ 4 @ 5 M - @@@
(1)
(2) (3) (4) (5)
(6)
RR
7
8
11
12
9
10
CQ
Potentiometer Input
Auxiliary output 2
Auxiliary output 1
Auxiliary output 4
Auxiliary output 3
Models with 2 Outputs: Linear Current Output
and Voltage (for Driving SSR)
↑
Terminal type
E5AC-
@@ 4 @ 5 M - @@@
(1)
(2) (3) (4) (5)
(6)
23
24
11
12
35
36
19
20
21
22
9
10
31
32
33
34
2
25
7
8
17
5
6
29
30
3
4
26
27
28
113
14
15
16
18
2
1
2
1
V
-
23
V
24
+
22
TC
22
+
-
mA
-
+
23
22
23
24
Pt
I
24
22
23
24
-
+
+
+
+
+
+
-
-
+
-
-
-
-
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
R
R
R
R
Q
Q
Q
Q
OUT1
OUT1
OUT1
C
C
A
B
B
C
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
-
+
-
+
3
4
5
6
C
Q
OUT1
OUT2
20
O
21
19
W
C
3
4
5
6
R
R
PR
Open
Close
CC
Models with 2
Position-proportional
Relay Output
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
(-)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the
sensor must be 30 m or less. If the cable length exceeds 30 m,
compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L
Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL
Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com