Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 122 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 122 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 118Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 119Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 120Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 121Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 122Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 123Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 124Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 125Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 126Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 138 page
background image
E5
@C/E5@C-T
122
Safety Precautions
Be sure to read the precautions for all E5
@C/E5@C-T models in the website at: http://www.ia.omron.com/.
Warning Indications
Meaning of Product Safety Symbols
Do not touch the terminals while power is being
supplied.
Doing so may occasionally result in minor injury due
to electric shock.
Electric shock may occur. Do not touch any cables or
connectors with wet hands.
Minor electric shock, fire, or malfunction may
occasionally occur. Do not allow any metal,
conductors, chips from mounting work, or water to
enter the interior of the Digital Controller, the Setting
Tool port, or between the pins on the Setting Tool cable
connector.
If you do not use the Setting Tool port on the front panel, close
the cover securely so that the above foreign matter does not
enter.
Do not use the Digital Temperature Controller where
subject to flammable or explosive gas. Otherwise,
minor injury from explosion may occasionally occur.
Not doing so may occasionally result in fire. Do not
allow dirt or other foreign objects to enter the Setup
Tool port or ports, or between the pins on the
connectors on the Setup Tool cable.
Minor electric shock or fire may occasionally occur.
Do not use any cables that are damaged.
Never disassemble, modify, or repair the product or
touch any of the internal parts. Minor electric shock,
fire, or malfunction may occasionally occur.
CAUTION - Risk of Fire and Electric Shock
1. This product is UL listed
*1 as Open Type Process
Control Equipment. It must be mounted in an
enclosure that does not allow fire to escape externally.
2. More than one disconnect switch may be required to
de-energize the equipment before servicing the product.
3. Signal inputs are SELV, limited energy.
*2
4. Caution: To reduce the risk of fire or electric shock, do not
interconnect the outputs of different Class 2 circuits.
*3
If the output relays are used past their life expectancy,
contact fusing or burning may occasionally occur.
Always consider the application conditions and use
the output relays within their rated load and electrical
life expectancy. The life expectancy of output relays varies
considerably with the output load and switching conditions.
Even if you replace only the Main Unit of the E5DC/
E5DC-B, check the condition of the Terminal Unit.
If corroded terminals are used, contact failure in the
terminals may cause the temperature inside the Digital
Temperature Controller to increase, possibly resulting in fire.
If the terminals are corroded, replace the Terminal Unit as well.
Tighten the terminal screws to the rated torque of
between 0.43 and 0.58 N•m.
*4
Loose screws may occasionally result in fire.
Set the parameters of the product so that they are
suitable for the system being controlled. If they are
not suitable, unexpected operation may occasionally
result in property damage or accidents.
A malfunction in the product may occasionally make
control operations impossible or prevent alarm
outputs, resulting in property damage.
To maintain safety in the event of malfunction of the
product, take appropriate safety measures, such as installing a
monitoring device on a separate line.
*1. E5CC, E5EC, E5AC, and E5DC Digital Temperature Controllers
that were shipped through November 2013 are UL recognized.
*2. An SELV (separated extra-low voltage) system is one with a
power supply that has double or reinforced insulation between the
primary and the secondary circuits and has an output voltage of
30 V r.m.s. max. and 42.4 V peak max. or 60 VDC max.
*3. A class 2 circuit is one tested and certified by UL as having the
current and voltage of the secondary output restricted to specific
levels.
*4. The specified torque is 0.5 N·m for the E5CC-U.
CAUTION
Indicates a potentially hazardous
situation which, if not avoided, may
result in minor or moderate injury or in
property damage.
Precautions for
Safe Use
Supplementary comments on what to
do or avoid doing, to use the product
safely.
Precautions for
Correct Use
Supplementary comments on what to
do or avoid doing, to prevent failure to
operate, malfunction or undesirable
effect on product performance.
Used to warn of the risk of electric shock under
specific conditions.
Used for general prohibitions for which there is no
specific symbol.
Used to indicate prohibition when there is a risk of
minor injury from electrical shock or other source
if the product is disassembled.
Used for general CAUTION, WARNING, or
DANGER precautions for which there is no
specified symbol. (This symbol is also used as the
alerting symbol, but shall not be used in this
meaning on the product.)
Used for general mandatory action precautions
for which there is no specified symbol.
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com