Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX2ASM-000 Datasheet(PDF) 133 Page - Omron Electronics LLC

Part # E5DC-RX2ASM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2ASM-000 Datasheet(HTML) 133 Page - Omron Electronics LLC

Back Button E5DC-RX2ASM-000 Datasheet HTML 129Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 130Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 131Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 132Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 133Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 134Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 135Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 136Page - Omron Electronics LLC E5DC-RX2ASM-000 Datasheet HTML 137Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
E5
@C/E5@C-T
133
3. Recommended Wire Size and Ferrules
Wire Size
Use the wire sizes and stripping lengths given in the following table.
Ferrules
Ferrules must be 0.8 to 1.4 mm in diameter.
The exposed conductor inserted into the terminal must be 8 to 12 mm
in length.
Recommended ferrules
E5
@C-B (Controllers with Push-In Plus Terminal
Blocks)
1. Connecting Wires to the Push-In Plus Terminal Block
Part Names of the Terminal Block
Connecting Wires with Ferrules and Solid Wires
Insert the solid wire or ferrule straight into the terminal block until the
end touches the terminal block.
If a wire is difficult to connect because it is too thin, use a flat-blade
screwdriver in the same way as when connecting stranded wire.
Connecting Stranded Wires
Use the following procedure to connect the wires to the terminal block.
1. Hold a flat-blade screwdriver at an angle and insert it into the
release hole. The angle should be between 10° and 15°.
If the flat-blade screwdriver is inserted correctly, you will feel the
spring in the release hole.
2. With the flat-blade screwdriver still inserted into the release hole,
insert the wire into the terminal hole until it strikes the terminal
block.
3. Remove the flat-blade screwdriver from the release hole.
Checking Connections
• After the insertion, pull gently on the wire to make sure that it will
not come off and the wire is securely fastened to the terminal block.
• To prevent short circuits, insert stripped part of a stranded or solid
wire or the conductor part of a ferrule until it is hidden inside the
terminal insertion hole. (See the following diagram.)
Wire Size
Stripping length
AWG24 to AWG18
(0.21 to 0.82 mm2)
8 to 12 mm
Manufacturer name
Model number
Altech Corp.
2623.0
Daido Solderless Terminal Mfg. Co.
AVA-0.5
J.S.T. Mfg. Co.
TUB-0.5
Nichifu Co., Ltd.
Single (1 wire)
TGNTC-1.25-9T
TGVTC-1.25-11T
TGNTC-1.25-11T
TC0.3-9.5
TC1.25-11S-ST
TC1.25-11S
TC2-11S
Double (2 wires)
TGWVTC-1.25-9T
TGWVTC-1.25-11T
0.8 to 1.4mm
8 to 12mm
Release hole
Terminal
(Insertion) hole
E5CC-B/EC-B
E5DC-B
Release hole
Terminal
(Insertion) hole
Ferrules and
Solid Wires
E5CC-B/EC-B
If a wire is difficult to
connect because it is
too thin, use a
flat-blade screwdriver
in the same way as
when connecting
stranded wire.
E5DC-B
Ferrules and
Solid Wires
Flat-blade screwdriver
10 to 15°
(1)
(2)
(3)
E5CC-B/EC-B
∗
Side view
of the product
30°
∗ Side view of the product
E5DC-B
(1)
(2)
(3)
Flat-blade
screwdriver
10 to 15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com