Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD291 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # HMCSD291
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button HMCSD291 Datasheet HTML 7Page - Omron Electronics LLC HMCSD291 Datasheet HTML 8Page - Omron Electronics LLC HMCSD291 Datasheet HTML 9Page - Omron Electronics LLC HMCSD291 Datasheet HTML 10Page - Omron Electronics LLC HMCSD291 Datasheet HTML 11Page - Omron Electronics LLC HMCSD291 Datasheet HTML 12Page - Omron Electronics LLC HMCSD291 Datasheet HTML 13Page - Omron Electronics LLC HMCSD291 Datasheet HTML 14Page - Omron Electronics LLC HMCSD291 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Dilate
Erosion
Retrying the Specified Number of Times
with the Same Conditions
1
2
3
4
Reading is performed for the specified number of times
for the same scene.
Retrying While External Trigger Is Input
Reading is performed until successful, as long as
an external level trigger is input.
Retrying While Changing the Shutter Speed
Reading is performed for the same scene while changing the exposure time in stages.
Retrying While Changing the Reading Conditions
Scene 1
1ms
1.3ms
0.7ms
1.6ms
· QR code is the registered trademark of DENSO WAVE.
Scene 2
Scene 3
During level trigger input
NG
NG
OK
NG
NG
OK
NG
NG
OK
NG
NG
NG
OK
Rapidly switch to the optimum reading conditions.
Register 32 sets of reading conditions.
Scene 2
Scene 3
Scene 4
Scene 5
Scene 6
Scene 7
Scene 8
Scene 31
Scene 32
Scene 1
When reading DPM codes, inconsistencies in
printing conditions can result in NGs if reading
is performed with only one set of reading set-
tings. The FQ2 allows you to register up to 32
sets of reading conditions as scenes and retry
reading while changing the scenes in order.
The system automatically determines the
scenes with the highest usage rates and
changes the order to start with them to flexibly
handle changes in reading conditions. Of
course you can specify a fixed order if required.
Smooths the image.
Smooth
For white codes, increases the cell size.
Effective for reading codes with cell spreading.
Dilate
For white codes, reduces the cell size.
Effective for reading separated dot codes.
Erosion
Removes noise.
Median
Types of Filtering
You can apply up to three of the four unique filters developed by
OMRON in the desired order to remove printing irregularities and
noise, in order to achieve a stable reading.
Retry function
Code Readers must be able to read codes even for poor printing conditions. You can automatically retry reading while changing the exposure time
and other reading conditions, even for changing workpieces or environments, to enable a stable reading.
Combining Filtering
Erosion and dilation can be combined to connect dots without chang-
ing the dot thickness.
・Print Quality Grading Function
The function to evaluate the quality of a 2D code (DataMatrix) enables an in-line check of the relative quality change and the pa-
rameter where the change occurred.
Note This function evaluates relative change in code quality and does not give absolute grading
The FQ2-S4 with sensor version 2.20 or later provides this function.
ISO/IEC TR 29158 (AIM DPM-1-2006)
DataMatrix ECC200
[Applicable standards]
[Applicable code]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com