Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD291 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # HMCSD291
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button HMCSD291 Datasheet HTML 14Page - Omron Electronics LLC HMCSD291 Datasheet HTML 15Page - Omron Electronics LLC HMCSD291 Datasheet HTML 16Page - Omron Electronics LLC HMCSD291 Datasheet HTML 17Page - Omron Electronics LLC HMCSD291 Datasheet HTML 18Page - Omron Electronics LLC HMCSD291 Datasheet HTML 19Page - Omron Electronics LLC HMCSD291 Datasheet HTML 20Page - Omron Electronics LLC HMCSD291 Datasheet HTML 21Page - Omron Electronics LLC HMCSD291 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Lineup ranging from single-function models to full-function models
* Inspection item for directly marked 2D codes.
FQ2-S1 Series
Single-function Type
FQ2-S2 Series
Standard Type
FQ2-S3 Series High-resolution Type
Integrated Sensor
Integrated Sensor
Integrated Sensor
C-mount
Number of pixels
350,000 pixels
350,000 pixels
760,000 pixels
1.3 million pixels
Color
Real color
Real color
Real color/Monochrome Real color/Monochrome
Number of simultaneous measurements
1
32
32
32
Number of registered scenes
8
323232
Inspe
ction
Shape search III, Shape search II
•
•
•
•
Search
••
••
Sensitive search
•
•
•
•
Edge position
••
••
Edge width
•
•
•
•
Edge pitch
••
••
Area
•
•
•
•
Color data
••
••
Labeling
•
•
•
•
ID
Bar code
----
2D code
2D code (DPM)*
OCR
I/O
specif
icatio
ns
Communications (Ethernet TCP no-protocol, Ethernet UDP no-protocol,
Ethernet FINS/TCP no-protocol, EtherNet/IP, PLC Link , or PROFINET)
••
••
Sensor Data Units (I/O)
-
-
•
•
Sensor Data Units (RS-232C)
--
••
FQ2-S4 Series
Integrated Sensor
Integrated Sensor
C-mount
Number of pixels
350,000 pixels
760,000 pixels
1.3 million pixels
Color
Real color/Monochrome
Real color/Monochrome
Real color/Monochrome
Number of simultaneous measurements
32
32
32
Number of registered scenes
32
32
32
In-
spec-
tion
Shape search III, Shape search II
•
•
•
Search
••
•
Sensitive search
•
•
•
Edge position
••
•
Edge width
•
•
•
Edge pitch
••
•
Area
•
•
•
Color data
••
•
Labeling
•
•
•
ID
Bar code
••
•
2D code
•
•
•
2D code (DPM)*
••
•
OCR
•
•
•
I/O
speci-
fica-
tions
Communications (Ethernet TCP no-protocol, Ethernet UDP no-protocol,
Ethernet FINS/TCP no-protocol, EtherNet/IP, PLC Link , or PROFINET)
••
•
Sensor Data Units (I/O)
•
•
•
Sensor Data Units (RS-232C)
••
•
FQ2-CH Series
Optical Character Recognition
Sensor
FQ-CR1 Series
Multi Code Reader
FQ-CR2 Series
2D Code Reader
Integrated Sensor
Integrated Sensor
Integrated Sensor
Number of pixels
350,000 pixels
350,000 pixels
350,000 pixels
Color
Monochrome
Monochrome
Monochrome
Number of simultaneous measurements
32
32
32
Number of registered scenes
32
32
32
In-
spec-
tion
Shape search II
---
Search
Sensitive search
Edge position
Edge width
Edge pitch
Area
Color data
Labeling
ID
Bar code
-
•
-
2D code
-
•
-
2D code (DPM)*
--
•
OCR
•
-
-
I/O
speci-
fica-
tions
Communications (Ethernet TCP no-protocol)
•
••
Communications (Ethernet UDP no-protocol, Ethernet FINS/TCP
no-protocol, EtherNet/IP, PLC Link, or PROFINET)
•
-
-
Sensor Data Units (I/O)
•
--
Sensor Data Units (RS-232C)
•
-
-
Inspection Model
Inspection/ID Model
ID Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com