Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD291 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # HMCSD291
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button HMCSD291 Datasheet HTML 16Page - Omron Electronics LLC HMCSD291 Datasheet HTML 17Page - Omron Electronics LLC HMCSD291 Datasheet HTML 18Page - Omron Electronics LLC HMCSD291 Datasheet HTML 19Page - Omron Electronics LLC HMCSD291 Datasheet HTML 20Page - Omron Electronics LLC HMCSD291 Datasheet HTML 21Page - Omron Electronics LLC HMCSD291 Datasheet HTML 22Page - Omron Electronics LLC HMCSD291 Datasheet HTML 23Page - Omron Electronics LLC HMCSD291 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Field of view/Installation distance
(Unit: mm)
Touch Finder
Note: AC Adapter and Battery are sold separately.
Cables
Sensor Data Unit (FQ2-S3/S4/CH only)
Cables for Sensor Data Unit
* When using FQ-SDU
@@ , 2 Cables are required for all I/O signals.
Field of view
Narrow View
Standard View
Wide View (Long-distance)
Wide View (Short-distance)
Appearance
350,000 pixels Type
Figure
1
Figure
2
Figure
3
Figure
4
760,000 pixels Type
Figure
5
Figure
6
Figure
7
Figure
8
13
8.2
7.5
38
57
4.7
Field of
view
53
33
Field of
view
13
56
215
8.2
240
153
Field of
view
220
970
33
53
300
191
Field of
view
18
32
380
29
13
11.6
Field of
view
7.5
38
57 6.7
53
47.3
Field of
view
11.6
56
215
13
240
214
Field of
view
220
970
47.3 53
300
268
32
380
25.9
29
Field of
view
Type
Appearance
Model
DC power supply
FQ2-D30
AC/DC/battery
FQ2-D31 (See note.)
Type
Appearance
Cable
length
Model
FQ Ethernet Cables
(connect Sensor to Touch
Finder, Sensor to PC)
2m
FQ-WN002
5m
FQ-WN005
10m
FQ-WN010
20m
FQ-WN020
I/O Cables
2m
FQ-WD002
5m
FQ-WD005
10m
FQ-WD010
20m
FQ-WD020
Robotic
cable
Robotic
cable
Type
Appearance
Output type
Model
Parallel Interface
NPN
FQ-SDU10
PNP
FQ-SDU15
RS-232C Interface
NPN
FQ-SDU20
PNP
FQ-SDU25
Type
Appearance
Cable
length
Model
Sensor Data Unit Cable
2m
FQ-WU002
5m
FQ-WU005
10m
FQ-WU010
20m
FQ-WU020
Parallel Cable for FQ-SDU1*
2m
FQ-VP1002
5m
FQ-VP1005
10m
FQ-VP1010
Parallel Cable for FQ-SDU2*
2m
FQ-VP2002
5m
FQ-VP2005
10m
FQ-VP2010
RS-232C Cable for FQ-SDU2
2m
XW2Z-200S-V
5m
XW2Z-500S-V
Robotic
cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com