Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCSD291 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # HMCSD291
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD291 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button HMCSD291 Datasheet HTML 23Page - Omron Electronics LLC HMCSD291 Datasheet HTML 24Page - Omron Electronics LLC HMCSD291 Datasheet HTML 25Page - Omron Electronics LLC HMCSD291 Datasheet HTML 26Page - Omron Electronics LLC HMCSD291 Datasheet HTML 27Page - Omron Electronics LLC HMCSD291 Datasheet HTML 28Page - Omron Electronics LLC HMCSD291 Datasheet HTML 29Page - Omron Electronics LLC HMCSD291 Datasheet HTML 30Page - Omron Electronics LLC HMCSD291 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Battery
*1. This value is only a guideline. No guarantee is implied. The value will be affected by operating conditions
*2. This is a guideline for the time required for the capacity of the Battery to be reduced to 60% of the initial capacity. No guarantee is implied. The value will be affected
by the operating environment and operating conditions.
System Requirements for Touch Finder for PC
The following Personal Computer system is required to use the software.
*. Available space is also required separately for data logging.
Item
Model
FQ-BAT1
Battery type
Secondary lithium ion battery
Nominal capacity
1,800 mAh
Rated voltage
3.7 V
Ambient temperature range
Operating: 0 to 40ºC
Storage:
−25 to 65ºC (with no icing or condensation)
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Charging method
Charged in Touch Finder (FQ2-D31). AC adapter (FQ-AC
@) is required.
Charging time *1
2 h
Usage time *1
1.5 h
Battery backup life
(See note 2.)
300 charging cycles
Weight
50 g max.
OS
Microsoft Windows 7 Home Premium or higher (32-bit/64-bit version)
Microsoft Windows 8.1 Pro Edition or higher (32-bit/64-bit version)
Microsoft Windows 10 Home Edition or higher (32-bit/64-bit version)
CPU
Core 2 Duo 1.06 GHz or the equivalent or higher
RAM
1GB min.
HDD
500 MB min. available space *
Monitor
1,024
× 768 dots min.
• Windows is registered trademarks of Microsoft Corporation in the USA and other countries.
Other company names and product names in this document are the trademarks or registered trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com