Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTDUW-S2WM Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # LE-RTDUW-S2WM
Description  OSRAM OSTAR® Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2WM Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button LE-RTDUW-S2WM Datasheet HTML 20Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 21Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 22Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 23Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 24Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 25Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 26Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 27Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 28Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
25 | Version 1.6 | 2022-08-22
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com