Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTDUW-S2WM Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LE-RTDUW-S2WM
Description  OSRAM OSTAR® Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2WM Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LE-RTDUW-S2WM Datasheet HTML 6Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 7Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 8Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 9Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 10Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 11Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 12Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 13Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
10 | Version 1.6 | 2022-08-22
Radiation Characteristics 4)
I
rel = f (ϕ); TJ = 25 °C; red, true green, deep blue
LE RTDUW S2WM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ /
0.0
0.2
0.4
0.6
0.8
1.0
I
Radiation Characteristics 4)
I
rel = f (ϕ); TJ = 25 °C; ultra white
LE RTDUW S2WM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ /
0.0
0.2
0.4
0.6
0.8
1.0
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com