Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTDUW-S2WM Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LE-RTDUW-S2WM
Description  OSRAM OSTAR® Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2WM Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LE-RTDUW-S2WM Datasheet HTML 7Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 8Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 9Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 10Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 11Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 12Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 13Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 14Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
11 | Version 1.6 | 2022-08-22
Relative Partial Flux 4)
Φ
E/V(2φ)/ΦE/V(180°) = f(φ); TJ = 25 °C; red, true green, deep blue
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ΦE/V(2ϕ)
ΦE/V(180°)
Relative Partial Flux 4)
Φ
V(2φ)/ΦV(180°) = f(φ); TJ = 25 °C; ultra white
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ΦV(2ϕ)
ΦV(180°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com