Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTDUW-S2WM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LE-RTDUW-S2WM
Description  OSRAM OSTAR® Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2WM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LE-RTDUW-S2WM Datasheet HTML 2Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 3Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 4Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 5Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 6Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 7Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 8Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 9Page - ams-OSRAM AG LE-RTDUW-S2WM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
6 | Version 1.6 | 2022-08-22
Brightness Groups
Color of emission
Group
Luminous Flux 7)
Luminous Flux 7)
I
F = 700 mA
I
F = 700 mA
min.
max.
Φ
V
Φ
V
● red
JB
56 lm
71 lm
● red
KA
71 lm
90 lm
● red
KB
90 lm
112 lm
● red
LA
112 lm
140 lm
● true green
LB
140 lm
180 lm
● true green
MA
180 lm
224 lm
● deep blue
4V
1000 mW
1120 mW
● deep blue
5A
1120 mW
1250 mW
● ultra white
MB
224 lm
280 lm
● ultra white
NA
280 lm
355 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com