Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2551 Datasheet HTML 1Page - Texas Instruments TUSB2551 Datasheet HTML 2Page - Texas Instruments TUSB2551 Datasheet HTML 3Page - Texas Instruments TUSB2551 Datasheet HTML 4Page - Texas Instruments TUSB2551 Datasheet HTML 5Page - Texas Instruments TUSB2551 Datasheet HTML 6Page - Texas Instruments TUSB2551 Datasheet HTML 7Page - Texas Instruments TUSB2551 Datasheet HTML 8Page - Texas Instruments TUSB2551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Power-Supply Configurations
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
The TUSB2551 can be used with different power-supply configurations, which can be dynamically changed. An
overview is given in Table 1.
• Normal mode – Both V
CC(I/O) and VCC(5.0) or VCC(5.0) and Vreg(3.3) are connected. For 5-V operation, VCC(5.0) is
connected to a 5-V source (4 V to 5.5 V). The internal voltage regulator then produces 3.3 V for the USB
connections. For 3.3-V operation, both VCC(5.0) and Vreg(3.3) are connected to a 3.3-V source (3 V to 3.6 V).
VCC(I/O) is independently connected to a voltage source (1.65 V to 3.6 V), depending on the supply voltage of
the external circuit.
• Disable mode – V
CC(I/O) is not connected; VCC(5.0) or VCC(5.0) and Vreg(3.3) are connected. In this mode, the
internal circuits of the TUSB2551 ensure that the D+ and D– pins are in 3-state, and the power consumption
drops to the low-power (suspended) state level. Some hysteresis is built into the detection of VCC(I/O) lost.
• Sharing mode – V
CC(I/O) is connected; VCC(5.0) and Vreg(3.3) are not connected. In this mode, the D+ and D–
pins are made 3-state, and the TUSB2551 allows external signals of up to 3.6 V to share the D+ and D–
lines. The internal circuits of the TUSB2551 ensure that virtually no current (maximum 10 mA) is drawn via
the D+ and D– lines. The power consumption through VCC(I/O) drops to the low-power (suspended) state level.
Both the VP and VM pins are driven HIGH to indicate this mode. Pin RCV is made LOW. Some hysteresis is
built into the detection of Vreg(3.3) lost.
Table 1. Power-Supply Configuration Overview
Configuration Mode
VBUS/VTRM
VIF
Notes
Normal
Connected
Connected
Normal supply configuration and operation.
VP/VM are HIGH outputs, RCV is LOW.
With OE# = 0 and SUSPEND = 1, data lines may be
Disconnect
Open
Connected
driven with
(D+/D– sharing)
external devices up to 3.6 V.
With D+, D– floating, ICC(I/O) draws less than 1 µA.
VP/VM are HIGH outputs, RCV is LOW.
Disconnect
Ground
Connected
With D+, D– floating, ICC(I/O)F draws less than 1 µA.
Disable Mode
Connected
Open
Logic controlled inputs pins are Hi-Z
Prohibited
Connected
Ground
Prohibited condition
Table 2. Pin States in Disable or Sharing Mode
PINS
DISABLE-MODE STATE
SHARING-MODE STATE
VCC(5.0)/Vreg(3.3)
5-V input/3.3-V output, 3.3-V input/3.3-V input
Not present
VCC(I/O)
Not present
1.65-V to 3.6-V input
VPU(3.3)
High impedance (off)
High impedance (off)
D+, D–
High impedance
High impedance
VP, VM
Invalid(1)
H
RCV
Invalid(1)
L
Inputs (SPEED, SUSPEND, OE, SOFTCON)
High impedance
High impedance
(1)
High impedance or driven LOW
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com