Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2551 Datasheet HTML 3Page - Texas Instruments TUSB2551 Datasheet HTML 4Page - Texas Instruments TUSB2551 Datasheet HTML 5Page - Texas Instruments TUSB2551 Datasheet HTML 6Page - Texas Instruments TUSB2551 Datasheet HTML 7Page - Texas Instruments TUSB2551 Datasheet HTML 8Page - Texas Instruments TUSB2551 Datasheet HTML 9Page - Texas Instruments TUSB2551 Datasheet HTML 10Page - Texas Instruments TUSB2551 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS SYSTEM AND USB INTERFACE
(1)
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
VCC(I/O) = 3.6 V, VCC(5.0) = 5 V (unless otherwise noted), TA = 25 C. Bold indicates specifications over temperature, –40°C to
85
°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output
VOH
IOH = 20 µA
0.9 VCC(I/O)
V
voltage(2)
Low-level output
VOL
IOL = 20 µA
0.1
V
voltage(2)
IIL
Input leakage current(2)
–5
1.5
5
µA
SPEED
SUSPEND
OE
VOLTAGE
LOAD
1
0
1
1
5
1
0
0
1
5
0
0
1
1
5
µA
VCC(5.0) =
0
0
0
1
5
ICC(I/O)
VCC(I/O) supply current
5.25 V,
0
1
0
1
5
VCC(I/O) =
3.6 V
f = 6 MHz,
1
0
0
1
2
mA
CL = 50 pF
f = 750 kHz,
0
0
0
260
280
µA
CL = 600 pF
1
0
1
800
1100
1
0
0
3000
5000
0
0
1
230
350
µA
VCC(5.0) =
0
0
0
400
700
5.25 V,
ICC(5.0)
VCC(5.0) supply current
0
1
0
130
200
VCC(I/O) =
3.6 V
f = 6 MHz,
1
0
0
6
10
CL = 50 pF
mA
f = 750 kHz,
0
0
0
4..3
5
CL = 600 pF
IPU(3.3)LEAK
VPU(3.3) leakage current SOFTCON = 1, VPU(3.3) = 0 V
–5
5
µA
ICC(I/O)LEAK
VCC(I/O) leakage current VCC(I/O) = 3.6 V, VCC(5.0) = 0 V
–5
5
µA
VPU(3.3)
Pullup output voltage
Ireg(3.3) = 200 µA, VCC(5.0) = 4 V to 5.25 V
3
3.3
3.6
V
VPU(3.3) switch
RSW
Ireg(3.3) = 10 mA, VCC(5.0) = 4 V to 5.25 V
10
Ω
resistance
ESD PROTECTION
IEC-61000-4- Air-Gap Discharge
10 pulses
±9
2
kV
(D+, D–,
Contact Discharge
10 pulses
±9
VCC(5.0) only)
(1)
Specification for packaged product only
(2)
Specification applies to the following pins: RCV, VP, VM, OE.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TUSB2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com