Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2551 Datasheet HTML 5Page - Texas Instruments TUSB2551 Datasheet HTML 6Page - Texas Instruments TUSB2551 Datasheet HTML 7Page - Texas Instruments TUSB2551 Datasheet HTML 8Page - Texas Instruments TUSB2551 Datasheet HTML 9Page - Texas Instruments TUSB2551 Datasheet HTML 10Page - Texas Instruments TUSB2551 Datasheet HTML 11Page - Texas Instruments TUSB2551 Datasheet HTML 12Page - Texas Instruments TUSB2551 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
(1)
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
DRIVER CHARACTERISTICS (LOW SPEED)
CL = 200 pF, See Figure 2
TR
Transition rise time
75
300
ns
CL = 600 pF
CL = 200 pF, See Figure 2
TF
Transition fall time
75
300
ns
CL = 600 pF
LRFM
Rise/fall time matching
TR, TF
80
125
%
VCRS
Output signal crossover voltage
1.3
2
V
DRIVER CHARACTERISTICS (FULL SPEED)
TR
Transition rise time
CL = 50 pF, See Figure 2
4
20
ns
TF
Transition fall time
CL = 50 pF, Figure 2
4
20
ns
FRFM
Rise/fall time matching
(TR, TF)
90
111.1
%
VCRS
Output signal crossover voltage
1.3
2
V
TRANSCEIVER TIMING (FULL SPEED)
tPVZ
OE to receiver 3-state delay
See Figure 1
15
ns
tPZD
Receiver 3-state to transmit delay
See Figure 1
15
ns
tPDZ
OE to driver 3-state delay
See Figure 1
15
ns
tPZV
Driver 3-state to receive delay
See Figure 1
15
ns
tPLH
VP, VM to D+, D– propagation delay
See Figure 4
17
ns
tPHL
tPLH
D+, D– to RCV propagation delay
See Figure 3
17
ns
tPHL
tPLH
D+, D– to VP, VM propagation delay
See Figure 3
10
ns
tPHL
(1)
Specification for packaged product only
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TUSB2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com