Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2551 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2551 Datasheet HTML 6Page - Texas Instruments TUSB2551 Datasheet HTML 7Page - Texas Instruments TUSB2551 Datasheet HTML 8Page - Texas Instruments TUSB2551 Datasheet HTML 9Page - Texas Instruments TUSB2551 Datasheet HTML 10Page - Texas Instruments TUSB2551 Datasheet HTML 11Page - Texas Instruments TUSB2551 Datasheet HTML 12Page - Texas Instruments TUSB2551 Datasheet HTML 13Page - Texas Instruments TUSB2551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
tPVZ
OE
VP/VM
D+/D–
TRANSMIT
RECEIVE
tPZD
tPDZ
t PZV
t
R
RISE TIME
Differential
Data Lines
10%
90%
10%
90%
t
F
FALL TIME
tPLH
VCRS
VSS
VOL
VOH
D–
D+
VCRS
Differential
Data Lines
tPHL
tPLH
VCRS
VOL
VOH
D–
D+
VCRS
Differential
Data Lines
tPHL
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
TIMING DIAGRAMS
Figure 1. Enable and Disable Times
Figure 2. Rise and Fall Times
Figure 3. Receiver Propagation Delay
Figure 4. Driver Propagation Delay
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com