Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC86AS Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 13Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 14Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 15Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 16Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 17Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 18Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Advanced Web Communication
(18)
Slim-Link® Server
Slim-Link® Server HTTP Server
The Slim-Link® Server includes an HTTP Server to support user web pages. The Slim-Link® HTTP Server is compatible
with all currently popular Web Browsers including Internet Explorer and Netscape. The Slim-Link® HTTP server can
dynamically create Web pages using the Common Gateway Interface(CGI) to show system status or process data.
A sample web page is included in the Slim-Link® Server embedded firmware. Developers can modify the firmware to
quickly develop a Web Page to suit their application.
Slim-Link® Server TCP/IP Stack
The Slim-Link® Server includes an embedded TCP/IP Stack to support Internet Communications. This stack is
illustrated below using the OSI architechure model. TCP/IP includes four clearly defined layers; Application,
Transport, Network, and Data Link. The presentation and session layers have been bypassed by TCP/IP.
Layer
Definition
Embedded in Slim-Link® Server
7
Application
Web Server / Telnet Server / PPP / SMTP / SNMP
4
Transport
TCP / UDP
3
Network
IP / ICMP
2
Data Link
ARP / Ethernet / PPP
1
Physical
10Base-T
Protocol
Definition
Description
TCP
Transport Control Protocol
The Transport Control Protocol provides the means to insure that
internet communications are reliable.
UDP
User Datagram Protocol
The User Datagram Protocol facilitates the communication from one
machine to another.
IP
Internet Protocol
The Internet Protocol performs three functions in internet
communications: It defines the format of all data. It performs routing
of the data through the network. I defines how hosts an routers should
process the data packets.
ICMP
Internet Control Message
The Internet Control Message Protocol allows routers on the internet
Protocol
to report errors and unexpected occurrences.
ARP
Address Resolution Protocol
The Address Resolution Protocol increases internet efficiency by
binding together machine IP addresses.
PPP
Point to Point Protocol
Point ot Point Protocol permits the transport of datagrams over a point
to point link such a analog modem connection.
10Base-T
IEEE802.3
10Base-T Ethernet provides a 10 Mbps communications bus over a
twisted wire pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com