Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC86AS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Advanced Web Communication
(8)
Slim-Link® Server
Pin
Signal
Model
Description
Slim-Link® Server Pin Descriptions (continued)
45
DIO15(TIN0)
ALL
This pin provides access to Programmable Input/Output 11 from the AMD186
controller. It also provides the input for Timer 0.
46
DIO16(TOUT0)
ALL
This pin provides access to Programmable Input/Output 10 from the AMD186
controller. It also provides the output for Timer 0.
47
DIO17
ALL
This pin provides access to Programmable Input/Output 6 from the AMD186
controller.
48
DIO18
ALL
This pin provides access to Programmable Input/Output 5 from the AMD186
controller.
49
DIO19(DT/R)
ALL
This pin provides access to Programmable Input/Output 4 from the AMD186
controller. As DT/R, this controls the data flow through an external data-bus
transceiver. When DT/R is high, the AMD186 transmits data; the AMD186
receives data when DT/R is low.
50
DIO20(TOUT1)
ALL
This pin provides access to Programmable Input/Output 1 from the AMD186
controller. It also provides the output for Timer 1.
51
DIO21(TIN1)
ALL
This pin provides access to Programmable Input/Output 0 from the AMD186
controller. It also provides the input for Timer 1.
52
VCC
ALL
Plus 5 Volt Power for the Slim-Link® Server
VCC
5.5 Volts
DC Input Voltage
-0.5 to +5.5 Volts
Storage Temperature Range
-20C to +100C
Operating Temperature Range
0C to 70C (-40C to +85C Available)
Lead Temperature During Soldering
260 C for 2 seconds maximum
Slim-Link® Server Absolute Maximum Ratings
Slim-Link® Server Power Supply Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
4.75
5.0
5.25
Volts
ICC
Supply Current
250
milliamps
V.bat*
Battery Voltage for Real-Time Clock
2.0
3.0
5.5
Volts
I.bat*
Battery Current Draw
0.2
0.3
microamps
Vref
A/D Reference Voltage
1.500
4.096
5.000
Volts
* External Battery Backup for Real-Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com