Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC86AS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AWC86AS Datasheet HTML 1Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 2Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 3Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Advanced Web Communication
(1)
Slim-Link® Server
Slim-Link® Web Server-Controller
June 2001
Micro-Controller incorporates Web-Enabled, Real-time Operating System
DESCRIPTION
The Slim-Link family of Web Server-Controller products
provides the ideal core technology for Internet enabled
instruments and control systems. The Slim-Link Web Server
Controllers are based on a 40 MHz AMD186ES micro-
controller and feature MicroRTOS, a web enabled, real-time
operating system developed spedifically for control system
applications. MicroRTOS is embedded into each Slim-Link
Web Server-Controller product with no additional cost or
licensing fees.
MicroRTOS
MicroRTOS was created to simplify the process of designing a
web enabled instrument or control system.
This is
accomplished by integrating a Preemptive Real-time Kernel,
thin Web Server, and TCP/IP Stack into the fully-functioning
operating system. The designer can then concentrate on the
design of his application rather than integrating source codes
from disparate applications. Three editions of MicroRTOS are
available to support your application; the Basic edition, PPP
Client Edition with Point-to-Point protocol for dial out
applciations and the PPP Server Editon with Point-to-Point
protocol for in bound dial-up applications.
Models
Six models of the Slim-Link® Web Server-Controller are
currently offered. Each model is described below.
AWC86: Features the Basic Edition of MicroRTOS and 34
Digital I/O Lines
AWC86A: Features the Basic Edition of MicroRTOS with
both Analog and Digital I/O Lines
AWC86C: Features the PPP Client Edition of MicroRTOS
and 34 Digital I/O Lines
AWC86AC: Features the PPP Client Edition of MicroRTOS
with both Analog and Digital I/O Lines
AWC86S: Features the PPP Server Edition of MicroRTOS
and 34 Digital I/O Lines
AWC86AS: Features the PPP Server Edition of MicroRTOS
with both Analog and Digital I/O Lines
CONTROLLER FEATURES
* Fully integrated microcontroller based on a 40 MHz AM186
Processor.
*
34 I/O function pins software selectable and configurable;
- Two serial ports (RS232-TTL)
- Eight 12-bit analog inputs; Two 12-bit analog outputs
- Digital I/O, Timers, IRQs
* 512KByte Flash memory for user application code, Web
page layouts and control data;
* 512KByte SRAM for run time code and data buffering
* Development kits available
MicroRTOS™ OPERATING SYSTEM FEATURES
* Multi-User, Multi-Task, Real-time Operation
* Preemptive real-time kernel for multi-tasking applications
* TCP/IP Stack supported by Ethernet datalink/physical layer
* Multi-user console tasks provides a user development and
application platform
SOFTWARE DESIGN TOOLS
* Compatible with Borland Turbo C++ versions 3.0, 3.1, 4.5
and 4.52 and Microsoft Visual C++ Versions 1.0 to 1.52.
PACKAGINGFEATURES
* Small size: 2.75" L x 1.38" W x 0.42” H
* Sturdy, encapsulated construction seals circuits from
harsh environment;
* Industrial temperature range available (-40C to +85C)


Similar Part No. - AWC86AS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AWC-002 TRIPPLITE-AWC-002 Datasheet
175Kb / 3P
USB Webcam with Microphone for Laptops and Desktop PCs, HD 1080p, Lens Privacy Cover
logo
ANADIGICS, Inc
AWC6312R ANADIGICS-AWC6312R Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWC6312RM9P9 ANADIGICS-AWC6312RM9P9 Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWC6312RM9Q7 ANADIGICS-AWC6312RM9Q7 Datasheet
407Kb / 8P
HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 2.0
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
More results

Similar Description - AWC86AS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29114 AMD-AM29114 Datasheet
607Kb / 10P
Real-Time Interrupt Controller
logo
Advantech Co., Ltd.
ADAM-6501 ADVANTECH-ADAM-6501 Datasheet
117Kb / 1P
Web-enabled Universal Communication Controller with Intel XScale
BAS-3512 ADVANTECH-BAS-3512 Datasheet
534Kb / 1P
12-ch Web-enabled DDC Controller
logo
Infineon Technologies A...
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
Real Time Signal Controller
V1.3 2011-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
Real Time Signal Controller
V1.4 2013-02
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
Real Time Signal Controller
V1.5 2013-02
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
Real Time Signal Controller
V2.1 2011-07
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
Real Time Signal Controller
V1.2 2012-07
logo
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
Real-Time PCR System
K8930AA HP-K8930AA Datasheet
308Kb / 2P
Real-Time PCR System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com