Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC86AS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Advanced Web Communication
(9)
Slim-Link® Server
Slim-Link® Server I/O Characteristics
1 DIO22, DIO23, DIO24, and DIO25 are not provided on the AWC86. On the AWC86A these signals are used to
control analog inputs and outputs.
2 DIO8, DIO9, DIO13, DIO14, include a 10K pull down resistor.
Analog I/O Signals (AWC86A only)
Signal
Mode
Maximum Voltage
Minimum Voltage
Analog Inputs
INPUT
-0.3 Volts
VCC+ .3 Volts
Analog Outputs
OUTPUT
0.0 Volts
4.096 Volts
Digital I/O Signals
Signal
Mode
Maximum Voltage Low
Minimum Voltage High
Programmable I/O Lines1, 2
INPUT
0.8 Volts
2.0 Volts
OUTPUT
0.45 Volts
2.4 Volts
Digital Input
INPUT
0.8 Volts
2.0 Volts
Interrupt Lines
OUTPUT
0.8 Volts
2.0 Volts
Reset
INPUT
0.8 Volts
2.4 Volts
NXMT
INPUT
0.8 Volts
2.4 Volts
NSTAT
OUTPUT
0.8 Volts
2.4 Volts
Network Interface Signals
Signal
Description
Impedance for Line Pair
Maximum Loop Length
TD+
Ethernet 10Base-T Transmit Data Positive
100 Ohms Transmit Pair
100 Meters
TD-
Ethernet 10Base-T Transmit Data Negative
100 Ohms Transmit Pair
100 Meters
RD+
Ethernet 10Base-T Receive Data Positive
100 Ohms Receive Pair
100 Meters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com