Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269ASA Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7269ASA
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269ASA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7269ASA Datasheet HTML 3Page - STMicroelectronics TDA7269ASA Datasheet HTML 4Page - STMicroelectronics TDA7269ASA Datasheet HTML 5Page - STMicroelectronics TDA7269ASA Datasheet HTML 6Page - STMicroelectronics TDA7269ASA Datasheet HTML 7Page - STMicroelectronics TDA7269ASA Datasheet HTML 8Page - STMicroelectronics TDA7269ASA Datasheet HTML 9Page - STMicroelectronics TDA7269ASA Datasheet HTML 10Page - STMicroelectronics TDA7269ASA Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
TDA7269ASA
Figure 12. Clipwatt11 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
0044448 G
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.2
0.126
B
1.05
0.041
C
0.15
0.006
D
1.5
0.059
E
0.49
0.55
0.019
0.002
F
0.77
0.8
0.88
0.030
0.031
0.035
F1
0.15
0.006
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
12
0.480
H2
18.6
0.732
H3
19.85
0.781
L
17.9
0.700
L1
14.55
0.580
L2
10.7
11
11.2
0.421
0.433
0.441
L3
5.5
0.217
M
2.54
0.100
M1
2.54
0.100
Clipwatt11
Weight: 1.80gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com