Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269ASA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7269ASA
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269ASA Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7269ASA Datasheet HTML 1Page - STMicroelectronics TDA7269ASA Datasheet HTML 2Page - STMicroelectronics TDA7269ASA Datasheet HTML 3Page - STMicroelectronics TDA7269ASA Datasheet HTML 4Page - STMicroelectronics TDA7269ASA Datasheet HTML 5Page - STMicroelectronics TDA7269ASA Datasheet HTML 6Page - STMicroelectronics TDA7269ASA Datasheet HTML 7Page - STMicroelectronics TDA7269ASA Datasheet HTML 8Page - STMicroelectronics TDA7269ASA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
TDA7269ASA
September 2004
1FEATURES
■
WIDE SUPPLY VOLTAGE RANGE UP TO
+20V
■
SPLIT SUPPLY
■
HIGH OUTPUT POWER 14+14W
@THD = 10%, RL= 8Ω, VS = ±16V
■
NO POP AT TURN-ON/OFF
■
MUTE (POP FREE)
■
STAND-BY FEATURE (LOW Iq)
■
SHORT CIRCUIT PROTECTION TO GND
■
THERMAL OVERLOAD PROTECTION
■
CLIPWATT 11 PACKAGE
2DESCRIPTION
The TDA7269ASA is class AB Dual Audio Power am-
plifier assembled in the @ Clipwatt 11 package, spe-
cially designed for high quality sound application as
Hi-Fi music centers and stereo TV sets.
The TDA7269ASA is pin to pin compatible with
TDA7269,
TDA7269A,
TDA7269SA,
TDA7265,
TDA7499, TDA7499SA.
14W+14W STEREO AMPLIFIER WITH MUTE & ST-BY
Figure 2. Block Diagram
+5V
18K
15K
IN (L)
1
µF
15K
1
µF
MUTE/
ST-BY
GND
IN (R)
1
µF
4.7
Ω
4.7
Ω
100nF
100nF
OUT (L)
OUT (R)
1000
µF
1000
µF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU085
RL (L)
RL (R)
-VS
µP
560
Ω
18K
IN- (L)
8
10
IN- (R)
1
560
Ω
18K
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7269ASA
Clipwatt11
Clipwatt11


Similar Part No. - TDA7269ASA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
More results

Similar Description - TDA7269ASA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
2525W STEREO AMPLIFIER WITH MUTE/ST-BY
1999-Apr
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
1414W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-1998
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
logo
Unisonic Technologies
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com