Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269ASA Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7269ASA
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269ASA Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7269ASA Datasheet HTML 1Page - STMicroelectronics TDA7269ASA Datasheet HTML 2Page - STMicroelectronics TDA7269ASA Datasheet HTML 3Page - STMicroelectronics TDA7269ASA Datasheet HTML 4Page - STMicroelectronics TDA7269ASA Datasheet HTML 5Page - STMicroelectronics TDA7269ASA Datasheet HTML 6Page - STMicroelectronics TDA7269ASA Datasheet HTML 7Page - STMicroelectronics TDA7269ASA Datasheet HTML 8Page - STMicroelectronics TDA7269ASA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TDA7269ASA
4/11
3
MUTE STAND-BY FUNCTION
The pin 5 (MUTE/STAND-BY) controls the amplifier status by two different thresholds, referred to +VS.
– When Vpin5 higher than = +VS -2.5V the amplifier is in Stand-by mode and the final stage generators
are off.
– When Vpin5 between = +VS -2.5V and VS -6V the final stage current generators are switched on and
the amplifier is in mute mode.
– When Vpin5 lower than = +VS -6V the amplifier is play mode.
Figure 5.
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
20
+VS
(V)
-20
-VS
VIN
(mV)
Vpin5
(V)
VS
VS-2.5
VS-6
VS-10
Iq
(mA)
0
VOUT
(V)
D94AU086



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com