Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7269ASA Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7269ASA
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269ASA Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7269ASA Datasheet HTML 1Page - STMicroelectronics TDA7269ASA Datasheet HTML 2Page - STMicroelectronics TDA7269ASA Datasheet HTML 3Page - STMicroelectronics TDA7269ASA Datasheet HTML 4Page - STMicroelectronics TDA7269ASA Datasheet HTML 5Page - STMicroelectronics TDA7269ASA Datasheet HTML 6Page - STMicroelectronics TDA7269ASA Datasheet HTML 7Page - STMicroelectronics TDA7269ASA Datasheet HTML 8Page - STMicroelectronics TDA7269ASA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
TDA7269ASA
Table 4. ELECTRICAL CHARACTERISTCS
(Refer to the test circuit VS = ±16V; RL = 8Ω; RS = 50Ω; GV = 30dB, f = 1KHz; Tamb = 25°C, unless otherwise
specified)
(*) In mute condition the current drawn from Pin 5 must be
≤650µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
RL = 8Ω
RL = 4Ω
±5
±5
±20
±15
V
V
Iq
Total Quiescent Current
60
100
mA
VOS
Input Offset Voltage
-25
25
mV
Ib
Non Inverting Input Bias Current
500
nA
PO
Output Power
THD = 10%;
RL = 8Ω;
VS = ±12.5V; RL = 4Ω;
12
8
14
10
W
W
THD = 1%;
RL = 8Ω;
VS = ±12.5V; RL = 4Ω;
9
6
11
7.5
W
W
THD
Total Harmonic Distortion
RL = 8Ω; PO = 1W; f = 1KHz;
0.03
%
RL = 8Ω; PO = 0.1 to 5W;
f = 100Hz to 15KHz;
0.7
%
RL = 4Ω; PO = 1W; f = 1KHz;
0.02
%
RL = 4Ω; VS = ±10V;
PO = 0.1 to 5W;
f = 100Hz to 15KHz;
1%
CT
Cross Talk
f = 1KHz;
f = 10KHz;
50
70
60
dB
dB
SR
Slew Rate
6.5
10
V/
µs
GOL
Open Loop Voltage Gain
80
dB
eN
Total Output Noise
A Curve
f = 20Hz to 22KHz
3
48
µV
µV
Ri
Input Resistance
15
20
K
SVR
Supply Voltage Rejection
(each channel)
f = 100Hz; VR = 0.5V
60
dB
Tj
Thermal Shut-down Junction
Temperature
145
°C
MUTE FUNCTION [ref +VS] (*)
VMUTE
Mute /Play threshold
-7
-6
-5
V
AMUTE
Mute Attenuation
60
70
dB
STAND-BY FUNCTIONS [ref: +VS] (only for Split Supply)
VST-BY
Stand-by Mute threshold
-3.5
-2.5
-1.5
V
AST-BY
Stand-by Attenuation
110
dB
IqST-BY
Quiescent Current @ Stand-by
3
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com