Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP123DP Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # MST14DP123DP
Description  3-Port DisplayPort MST Hub - DP 1.4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP123DP Datasheet(HTML) 4 Page - StarTech.com Ltd.

  MST14DP123DP Datasheet HTML 1Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 2Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 3Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 4Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 5Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Certifications, Reports
and Compatibility
Applications
•
Stream or extend your desktop onto three additional UHD monitors,
TVs or projectors
•
Display crisp digital signage with a panoramic video wall
•
Create eye-catching visuals for photography and videography
•
Stream high-resolution, life-like content on multiple monitors
Features
•
Maximize your productivity by connecting up to three independent
DisplayPort monitors to your computer using this Multi-Stream
Transport (MST) hub
•
Cutting-edge video quality with support for UHD video resolutions up
to 8K on a single monitor or 4K on all three displays
•
Optimize your visual experience with the next generation of display
technology
•
Supports HDR for expanded contrast ratio and color accuracy
•
Offers a multi-monitor solution that’s more cost-effective than
traditional computer docking stations
•
MST technology utilizes your existing video card to minimize the use
of system resources
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com