Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP123DP Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # MST14DP123DP
Description  3-Port DisplayPort MST Hub - DP 1.4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP123DP Datasheet(HTML) 5 Page - StarTech.com Ltd.

  MST14DP123DP Datasheet HTML 1Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 2Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 3Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 4Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 5Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Warranty
3 Years
Hardware
Active or Passive Adapter
Active
Audio
Yes
AV Input
DisplayPort - 1.4
AV Output
DisplayPort - 1.4
Chipset ID
Synaptics VMM5330
Ports
3
Performance
Audio Specifications
DisplayPort - 7.1 Channel Audio
Maximum Cable Distance To
Display
6.6 ft [2 m]
Supported Resolutions
DisplayPort: 7680x4320 (8K) / 30Hz
Video Revision
DisplayPort 1.4
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - DisplayPort (20 pin) Latching Male Input
Connector B
3 - DisplayPort (20 pin) Female Female Output
Software
OS Compatibility
Windows 10 (32/64)
Windows 8/8.1 (32/64)
Windows 7(32/64)
Power
Power Source
USB-Powered
Environmental
Humidity
5% to 90 % RH (no condensation)
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-10°C to 55°C (14°F to 131°F)
Physical
Characteristics
Color
Gray and Black
Material
Plastic
Product Height
14.000
Product Length
1.7 in [4.3 cm]
Product Width
105.000
Weight of Product
55.000
Packaging
Information
Package Height
30.000
Package Length
170.000
Package Width
142.000
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com