Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP123DP Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MST14DP123DP
Description  3-Port DisplayPort MST Hub - DP 1.4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP123DP Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MST14DP123DP Datasheet HTML 1Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 2Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 3Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 4Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 5Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-Port DisplayPort MST Hub - DP 1.4
Product ID: MST14DP123DP
This 3-port DisplayPort MST hub lets you create a high-performance workstation
by connecting three DisplayPort monitors to your DisplayPort device, helping to increase and maximize
your productivity. The multi-monitor splitter supports High Dynamic Range (HDR) and provides sharper
images with enhanced video.
Incredible Picture Quality
Supporting four times the resolution of 4K, this DP 1.4 MST hub delivers the stunning quality of UHD at
resolutions up to 7680×4320 at 30Hz on a single monitor and supports multi-monitor applications at
lower resolutions and refresh rates, enabling a dynamic work environment whether you’re in the office, at
home or traveling.
www.startech.com
1 800 265 1844


Similar Part No. - MST14DP123DP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MST14DP122HD STARTECH-MST14DP122HD Datasheet
85Kb / 4P
DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft / 30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter
More results

Similar Description - MST14DP123DP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156002 TRIPPLITE-B156002 Datasheet
509Kb / 3P
2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
B155-003-DP-V2 TRIPPLITE-B155-003-DP-V2 Datasheet
511Kb / 3P
3-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-V2 TRIPPLITE-B156-003-V2 Datasheet
498Kb / 3P
3-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-HD-V2 TRIPPLITE-B156-004-HD-V2 Datasheet
520Kb / 3P
4-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160
B155-004-DP-V2 TRIPPLITE-B155-004-DP-V2 Datasheet
512Kb / 3P
4-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4Kx 2K) UHD
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
GDPSP2 IOGEAR-GDPSP2 Datasheet
178Kb / 3P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub
GDPSP2KIT IOGEAR-GDPSP2KIT Datasheet
142Kb / 2P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub w/Cables Kit
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com