Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP123DP Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # MST14DP123DP
Description  3-Port DisplayPort MST Hub - DP 1.4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP123DP Datasheet(HTML) 2 Page - StarTech.com Ltd.

  MST14DP123DP Datasheet HTML 1Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 2Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 3Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 4Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 5Page - StarTech.com Ltd. MST14DP123DP Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Display 1
Display 2
Display 3
8K (7680x4320) @ 30Hz
X
X
5K (5120x2880) @ 60Hz
1080p (1920x1080) @ 30Hz
X
4K (3840x2160) @ 60Hz
4K (3840x2160) @ 30Hz
4K (3840x2160) @ 30Hz
2K (2560x1600) @ 60Hz
2K (2560x1600) @ 60Hz
2K (2560x1600) @ 60Hz
1080p (1920x1080) @ 60Hz
1080p (1920x1080) @ 60Hz
1080p (1920x1080) @ 60Hz
Both your source and destination must support DisplayPort 1.4 in order to achieve maximum resolution (8K 30Hz).
Lower resolutions and refresh rates may also be supported.
Multi-Tasking Made Easy
This DisplayPort to 3x DisplayPort MST hub enables you to daisy chain three displays to
your DP computer, making multi-tasking much easier. Using this multi-monitor video splitter, you can
mirror your display onto multiple monitors, stream independent content to each display or extend your
screen to create a video wall effect.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com