Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2900 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2900
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2900 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2900 Datasheet HTML 1Page - STMicroelectronics SD2900 Datasheet HTML 2Page - STMicroelectronics SD2900 Datasheet HTML 3Page - STMicroelectronics SD2900 Datasheet HTML 4Page - STMicroelectronics SD2900 Datasheet HTML 5Page - STMicroelectronics SD2900 Datasheet HTML 6Page - STMicroelectronics SD2900 Datasheet HTML 7Page - STMicroelectronics SD2900 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS =5 mA
65
V
IDSS
VGS =0V
VDS =28 V
0.5
mA
IGSS
VGS = 20V
VDS =0 V
1.0
µA
VGS(Q)
VDS = 10V
ID =10 mA
1. 0
6.0
V
VDS(ON)
VGS = 10V
ID =0.5 A
1.6
V
gFS
VDS = 10V
ID =0.5 A
0. 2
mho
CISS
VGS =0V
VDS = 28V
f = 1MHz
8.5
pF
COSS
VGS =0V
VDS = 28V
f = 1MHz
7.8
pF
CRSS
VGS =0V
VDS = 28V
f = 1MHz
1.4
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f = 400 MHz
VDD =28 V
IDQ =50 mA
5
W
GPS
f = 400 MHz
VDD =28 V
Pout =5 W
IDQ = 50 mA
13. 5
16
dB
ηD
f = 400 MHz
VDD =28 V
Pout =5 W
IDQ =50 mA
45
50
%
Load
Mismatch
f = 400 MHz
VDD =28 V
Pout =5 W
IDQ =50 mA
All Angles
30: 1
VSW R
IMPEDANCE DATA
FREQ .
ZIN (
Ω)ZDL (Ω)
400 MHz
8.6 - j 24.6
22.6 + j 27.0
REF. 1021307I
SD2900
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com