Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2900 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2900
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2900 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2900 Datasheet HTML 1Page - STMicroelectronics SD2900 Datasheet HTML 2Page - STMicroelectronics SD2900 Datasheet HTML 3Page - STMicroelectronics SD2900 Datasheet HTML 4Page - STMicroelectronics SD2900 Datasheet HTML 5Page - STMicroelectronics SD2900 Datasheet HTML 6Page - STMicroelectronics SD2900 Datasheet HTML 7Page - STMicroelectronics SD2900 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Capacitance vs Drain-Source Voltage
010
20
30
1
10
100
VDS. DRAIN-SOURCE VOLTAGE (VOLTS)
Ciss
Crss
Coss
f = 1 MHz
GC83130
Drain Current vs Gate Voltage
Maximum Thermal Resistance vs Case
Temperature
25
45
65
85
7.5
8
8.5
9
9.5
10
Tc, CASE TEMPERATURE (ºC)
GC83 14 0
Gate-Source Voltages vs Case Temperature
-25
0
2 5
5 0
7 5
1 00
0 .94
0 .96
0 .98
1
1 .02
1 .04
Tc, CASE TEMPERATURE (ºC)
ID = 7 50 mA
ID = 1 00 m A
ID = 5 00 mA
ID = 5 0 mA
ID = 2 00 m A
V DD = 10V
GC83 160
56789
10
0
200
400
600
800
100 0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDS = 10V
T= 25
°C
T= 80
°C
T = -20
°C
GC83 15 0
TYPICAL PERFORMANCE
SD2900
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com