Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2900 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD2900
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2900 Datasheet(HTML) 1 Page - STMicroelectronics

  SD2900 Datasheet HTML 1Page - STMicroelectronics SD2900 Datasheet HTML 2Page - STMicroelectronics SD2900 Datasheet HTML 3Page - STMicroelectronics SD2900 Datasheet HTML 4Page - STMicroelectronics SD2900 Datasheet HTML 5Page - STMicroelectronics SD2900 Datasheet HTML 6Page - STMicroelectronics SD2900 Datasheet HTML 7Page - STMicroelectronics SD2900 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SD2900
RF POWER TRANSISTORS
HF/VHF/UHF N-CHANNEL MOSFETs
s
GOLD METALLIZATION
s
COMMON SOURCE CONFIGURATION
s
2 - 500 MHz
s
5 WATTS
s
28 VOLTS
s
13.5 dB MIN. AT 400 MHz
s
CLASS A OR AB OPERATION
s
EXCELLENT THERMAL STABILITY
DESCRIPTION
The SD2900 is a gold metallized N-Channel MOS
field-effect RF power transistor. It is intended for
use in 28 V DC large signal applications up to
500 MHz
PIN CONNECTION
November 1999
ABSOLUTE MAXIMUM RATINGS (Tcase =25
oC)
Symbol
Parameter
Val ue
Uni t
V(BR)DSS
Drain Source Volt age
65
V
VDGR
Drain-Gate Voltage (RGS =1M
Ω)
65
V
VGS
Gat e-Source Voltage
±20
V
ID
Drain Current
900
mA
PDISS
Power Dissipat ion
21. 9
W
Tj
Max. O perat ing Junction Temperature
200
oC
TSTG
Storage Temperature
-65 to 150
oC
THERMAL DATA
Rth (j-c)
Rth(c -s)
Junct ion-Case T hermal Resistance
Case-Heatsink T hermal Resist ance
∗
8.0
0.30
oC/W
oC/W
* Determined using a flat aluminum or copper heatsink with thermal compound applied (Dow Corning 340 or equivalent).
M113
epoxy sealed
®
ORDER CODE
BRANDING
SD2900
SD2900
1. Drain
3.Gate
2. Source
4. Source
1/8


Similar Part No. - SD2900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2900 ETC1-SD2900 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD2900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
REV. 4
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
27-May-2003
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com