Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2900 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2900
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2900 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2900 Datasheet HTML 1Page - STMicroelectronics SD2900 Datasheet HTML 2Page - STMicroelectronics SD2900 Datasheet HTML 3Page - STMicroelectronics SD2900 Datasheet HTML 4Page - STMicroelectronics SD2900 Datasheet HTML 5Page - STMicroelectronics SD2900 Datasheet HTML 6Page - STMicroelectronics SD2900 Datasheet HTML 7Page - STMicroelectronics SD2900 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
13
18
23
28
0
2
4
6
8
VDD, SUP PLY VOLTAGE (VOLTS)
Pi n =0 .24 W
Pi n = 0.12 W
Pin =0 .06 W
IDQ = 50 mA
f = 40 0 MHz
GC8 31 90
Output Power vs Input Power
10
50
90
13 0
17 0
210
250
0
2
4
6
8
Pin, INPUT POWER (mW)
Vdd = 28 V
Vdd = 13 .5 V
Tc= 2 5
°C
f = 40 0 MHz
IDQ = 50 mA
GC8 31 80
Output Power vs Input Power
0.01
0 .06
0.10
0.15
0 .19
0.24
0
2
4
6
8
10
Pin, INPUT POWER (W)
T = -20ºC
T = 25º C
T = 80ºC
IDQ = 50 mA
VDD = 28 V
f = 400 MHz
GC8 31 70
Output Power vs Voltage Supply
Output Power vs Gate Voltage
1.5
3
4.5
6
0
2
4
6
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDD = 28 V
IDQ = 50 mA
f = 400 MHz
Pi n = Co ns tant
T= 80
°C
T = -20
°C
T= 25
°C
GC832 00
Power Gain vs Output Power
01
234
5678
14
15
16
17
18
Pout, OUTPUT POWER(W)
Tc= 25
°C
f = 400 MHz
IDQ = 50 m A
GC83210
Efficiency vs Output Power
0
246
8
10
20
30
40
50
60
70
Pout, OUTPUT POWER (W)
Tc= 2 5
°C
f = 40 0 MHz
IDQ = 5 0 mA
GC83 2 20
TYPICAL PERFORMANCE
SD2900
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com