Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0650 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0650
Description  SKU:DFR0650
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0650 Datasheet(HTML) 3 Page - DFROBOT

  DFR0650 Datasheet HTML 1Page - DFROBOT DFR0650 Datasheet HTML 2Page - DFROBOT DFR0650 Datasheet HTML 3Page - DFROBOT DFR0650 Datasheet HTML 4Page - DFROBOT DFR0650 Datasheet HTML 5Page - DFROBOT DFR0650 Datasheet HTML 6Page - DFROBOT DFR0650 Datasheet HTML 7Page - DFROBOT DFR0650 Datasheet HTML 8Page - DFROBOT DFR0650 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2023/10/12 10:58
DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
3/25
Weight: 4.2g
This product is supplied with 2.54mm male headers by default, and each connector has a minimum of 10 pins. If the number of pins exceeds your usage
needs, please use pliers to break them off yourself.
Board Overview
Num
Label
Description
1
VCC
+
2
GND
-
3
SCL
IIC/SPI System Clock Line
4
SDA
IIC/SPI System Data Line
5
D/C
SPI data/command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com