Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0650 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0650
Description  SKU:DFR0650
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0650 Datasheet(HTML) 2 Page - DFROBOT

  DFR0650 Datasheet HTML 1Page - DFROBOT DFR0650 Datasheet HTML 2Page - DFROBOT DFR0650 Datasheet HTML 3Page - DFROBOT DFR0650 Datasheet HTML 4Page - DFROBOT DFR0650 Datasheet HTML 5Page - DFROBOT DFR0650 Datasheet HTML 6Page - DFROBOT DFR0650 Datasheet HTML 7Page - DFROBOT DFR0650 Datasheet HTML 8Page - DFROBOT DFR0650 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2023/10/12 10:58
DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
2/25
In addition, the display is in an aluminum frame package that protects the screen from damage, and also prevents you from scratching that caused by the
glass edge of the screen.
NOTE: Turn the pixels off when you are not using the display to prevent the use of some pixels too long to darken them, which will
cause the brightness uniformity problem.
Features
IIC/SPI communication, IIC in default
Self-illuminating OLED display
Controllable pixels and low power consumption
Supports power-on reset
Specification
Operating voltage: 3.3V to 5V
Color: white pixels
Number of pixels: 128 columns x 64 rows
Interface: IIC (in default) / SPI
IIC address: 0x3C
Drive chip: SSD1306
Brightness: 180 (Typ) cd/m2
Full-screen lighting power: approx. 24mA-3.3V/5V(IIC), approx. 27mA-3.3V/5V(SPI);
Full-screen off power consumption: approx. 2mA-3.3V/5V(IIC), approx. 2.87mA-3.3V/5V(SPI)
Operating temperature: -30°C to 70°C
Display area: 21.744 x 10.864mm / 0.86" x 0.42"
Mounting hole diameter: 2.0mm
Size: 30.00 x 30.00mm / 1.18" x 1.18"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com